Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMQ60R044RF Arkusz danych(PDF) 2 Page - MagnaChip Semiconductor.

Numer części MMQ60R044RF
Szczegółowy opis  600V 0.044Ω N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MGCHIP [MagnaChip Semiconductor.]
Strona internetowa  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMQ60R044RF Arkusz danych(HTML) 2 Page - MagnaChip Semiconductor.

  MMQ60R044RF Datasheet HTML 1Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 2Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 3Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 4Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 5Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 6Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 7Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 8Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMQ60R044RF Datasheet
*
Magnachip Semiconductor Ltd.
Dec./2022/Revision/1.0
2
Parameter
Symbol
Rating
Unit
Note
Drain – Source voltage
VDSS
600
V
Gate – Source voltage
VGSS
±
30
V
Continuous drain current(1)
ID
60
A
TC=25 oC
38
A
TC=100 oC
Pulsed drain current(2)
IDM
180
A
Power dissipation
PD
378.8
W
Single - pulse avalanche energy(3)
EAS
2100
mJ
MOSFET dv/dt ruggedness
dv/dt
50
V/ns
Diode dv/dt ruggedness(4)
dv/dt
50
V/ns
Storage temperature
Tstg
-55 ~150
oC
Maximum operating junction
temperature
Tj
150
oC
1)
Id limited by maximum junction temperature
2)
Pulse width tP limited by Tj,max
3)
IAS = 13.5A
4)
ISD ≤ ID, di/dt = 1000A/μs, VDS peak ≤ V(BR)DSS, VDD= 400V, Tj=25oC
Parameter
Symbol
Value
Unit
Thermal resistance, junction-case max
Rthjc
0.33
oC/W
Thermal resistance, junction-ambient max
Rthja
42.1
oC/W
Thermal Characteristics
Absolute Maximum Rating (Tc=25oC unless otherwise specified)
Downloaded From Oneyac.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com