Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AV33 Arkusz danych(PDF) 1 Page - Trimble Inc.

Numer części AV33
Szczegółowy opis  HIGH PERFORMANCE GNSS SUPPORT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIMBLE [Trimble Inc.]
Strona internetowa  https://www.trimble.com/en
Logo TRIMBLE - Trimble Inc.

AV33 Arkusz danych(HTML) 1 Page - Trimble Inc.

  AV33 Datasheet HTML 1Page - Trimble Inc. AV33 Datasheet HTML 2Page - Trimble Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KEY FEATURES
Support for GPS L1, GLONASS L1, Galileo
E1 and BeiDou B1
Low-profile Fuselage/Bulkhead Mounting
Sub-centimeter phase center
repeatability
Small rugged package ideal for vehicle
or man portable applications
HIGH PERFORMANCE GNSS SUPPORT
The Trimble AV33 GNSS Antenna has been designed to support high accuracy aerial,
land and marine applications in one compact design. The rugged 4 hole bulkhead
mounting allows the antenna to be used in the most rugged of environments.
COMPREHENSIVE GNSS SUPPORT
The Trimble AV33 GNSS antenna offers support for present and future L1 GNSS
signals, including GPS, GLONASS,Galileo and BeiDou. This ensures that the antenna
will operate with your present and most likely future GNSS receivers.
ROBUST, LOW-MULTIPATH GPS ANTENNA
The antenna resists unwanted signal interference or multipath, which can cause
inaccurate measurements. Multipath is caused by signals being reflected from surfaces
such as the ground, surrounding trees, or buildings.
FLEXIBILITY
The antenna is an aviation type of design. The bulkhead mounting ensures only the
rugged radome is exposed to the elements. This is an ideal design for customers
building machine control systems. The antenna can be mounted flush with the
vehicle surface or on the top of a pole mount. The TNC connector is located on
the underside of the unit ensuring the attached cable is also protected from the
environment.
TRIMBLE AV33
Trimble GNSS OEM
TRIMBLE AV33 GNSS ANTENNA


Podobny numer części - AV33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Aplus Intergrated Circu...
AV3032 APLUS-AV3032 Datasheet
269Kb / 13P
single-chip synthesizing CMOS VLSI
logo
Stackpole Electronics, ...
AV30K0805G201N SEI-AV30K0805G201N Datasheet
1Mb / 6P
Automotive SMD Varistor
08/19/2019
AV30K0805K201N SEI-AV30K0805K201N Datasheet
1Mb / 6P
Automotive SMD Varistor
08/19/2019
AV30K0805T201N SEI-AV30K0805T201N Datasheet
1Mb / 6P
Automotive SMD Varistor
08/19/2019
logo
Bourns Electronic Solut...
AV30K1206201HT BOURNS-AV30K1206201HT Datasheet
1Mb / 17P
High Temperature Automotive Grade Varistors
More results

Podobny opis - AV33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intel Corporation
M82380 INTEL-M82380 Datasheet
1Mb / 134P
HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS
logo
Advantech Co., Ltd.
ARK-1382 ADVANTECH-ARK-1382 Datasheet
466Kb / 2P
High Performance Solution with Multi-display Support for Signage Applications
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
NXP Semiconductors
CBTL06GP212 NXP-CBTL06GP212 Datasheet
64Kb / 2P
High performance DisplayPort switch with high common-mode voltage support
Rev. 1-2 May 2012
logo
Intel Corporation
82579GBE INTEL-82579GBE Datasheet
667Kb / 2P
High-performance Gigabit Network Connectivity with Support for Intel짰 vPro??technology.
logo
PCTEL, Inc.
8111D-HR PCTEL-8111D-HR Datasheet
346Kb / 4P
Stingray GNSS Magnetic High Rejection Tracking Antenna GNSS/GPS Antennas - High Rejection
March 2021
logo
Suzhou Maswell Communic...
AN.GNSS.L1.PCB.01 MASWELL-AN.GNSS.L1.PCB.01 Datasheet
345Kb / 4P
High Performance GNSS Planar Antenna Passive
AN.GNSS.L1.PCB.02 MASWELL-AN.GNSS.L1.PCB.02 Datasheet
394Kb / 4P
High Performance GNSS Planar Antenna Active
AN_GNSS_401 MASWELL-AN_GNSS_401 Datasheet
390Kb / 3P
GNSS IP67 Waterproof GNSS High Gain Positioning Antenna
logo
u-blox AG
XPLR-HPG-2 U-BLOX-XPLR-HPG-2 Datasheet
351Kb / 1P
High precision GNSS explorer kit
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com