Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AV33 Arkusz danych(PDF) 2 Page - Trimble Inc.

Numer części AV33
Szczegółowy opis  HIGH PERFORMANCE GNSS SUPPORT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIMBLE [Trimble Inc.]
Strona internetowa  https://www.trimble.com/en
Logo TRIMBLE - Trimble Inc.

AV33 Arkusz danych(HTML) 2 Page - Trimble Inc.

  AV33 Datasheet HTML 1Page - Trimble Inc. AV33 Datasheet HTML 2Page - Trimble Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Antenna shown with optional bracket.
Bracket allows for mounting on single
center 5/8 bolt or four perimeter bolts.
TRIMBLE AV33 GNSS ANTENNA
PERFORMANCE
•L1 Band GNSS Frequency tracking Including:
– GPS: L1
– GLONASS: L1
– Galileo: E1
– BeiDou: B1
– SBAS: WAAS, EGNOS, QZSS, Gagan, MSAS
• Quality signal tracking
• TNCF female signal connector
• Small cross-sectional area to reduce wind loading
• Low voltage, low power consumption
• Integral low noise amplifier
• Powered by GNSS receiver via coaxial cable
• High gain for reliable tracking in difficult environments
• 4 recessed bulkhead mounting holes
• Rugged radome designed for machine environments
ELECTRICAL
Frequencies . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1551–1615 MHz
Signal gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43 dB
Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5 V DC to 18 V DC
Polarization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Right Hand Circular
Axial Ratio . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 dB Max @ boresight
Amplifier. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Noise Figure : 2.5 dBMax
Impedance : 50 Ohms
VSWR : ≤ 2.0:1
HARDWARE
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.9 cm diameter, 2.1 cm height
(3.5” diameter, 0.84” height)
Weight . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.200 Kg (0.44 lb)
Operating Temperature . . . . . . . . . . . . . . –55 ºC to +85 ºC (–67 ºF to +185 ºF)
Altitude. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤16,764 m (55,000 ft)
Finish. . . . . . . . . . . . . . UV resistant, high impact thermoplastic white radome
with aluminum base
Compliance. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ROHS
ENVIRONMENTAL QUALIFICATIONS
CONDITIONS
DO-160D
SECTION
STRING
CATERGORY
DESCRIPTION
Temperature
Variation
5
A
–55 ºC to +85 ºC,
10º/min, 2 cycles
Humidity
-
Method 507.4
MIL-STD-810-F
Shock
Method 516.5
MIL-STD-818-F
Procedure II
Vibration
Method 516.5C-3
MIL-STD-810-F,
Section 514.5 CVII
© 2014, Trimble Navigation Limited. All rights reserved. Trimble and the Globe & Triangle logo are trademarks of
Trimble Navigation Limited, registered in the United States and in other countries. Maxwell is a trademark of Trimble
Navigation Limited. All other trademarks are the property of their respective owners. 11/2014
Specifications subject to change without notice.
InTech.trimble.com
AMERICAS
TRIMBLE NAVIGATION LIMITED
Integrated Technologies
510 DeGuigne Drive
Sunnyvale, CA 94085 USA
+1-408-481-8000 Phone
Email: americasales-intech@trimble.com
EUROPE & MIDDLE EAST
TRIMBLE NAVIGATION LIMITED
Integrated Technologies
Germany
+49 (6142) 2100-348 Phone
France
+33 2 28 09 3800 Phone
Email: emeasales-intech@trimble.com
CHINA
TRIMBLE NAVIGATION LIMITED
Integrated Technologies
Email: chinasales-intech@trimble.com
ASIA - PACIFIC
TRIMBLE NAVIGATION LIMITED
Integrated Technologies
Email: asiasales-intech@trimble.com
RUSSIA
TRIMBLE NAVIGATION LIMITED
Integrated Technologies
+49 (6142) 2100-348 Phone
Email: rusales-intech@trimble.com



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com