Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS13FP Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części SS13FP
Szczegółowy opis  Surface Mount Schottky Barrier Rectifiers 1 A, 20 V - 150 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS13FP Arkusz danych(HTML) 4 Page - ON Semiconductor

  SS13FP Datasheet HTML 1Page - ON Semiconductor SS13FP Datasheet HTML 2Page - ON Semiconductor SS13FP Datasheet HTML 3Page - ON Semiconductor SS13FP Datasheet HTML 4Page - ON Semiconductor SS13FP Datasheet HTML 5Page - ON Semiconductor SS13FP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SS12FP − S115FP
www.onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
1
10
100
1000
Figure 7. Typical Reverse Characteristic
Percent of Rated Peak Reverse Voltage (%)
Figure 8. Typical Junction Capacitance
10
20
30
40
50
60
70
80
90
100
S110FP − S115FP
TA = 150°C
TA = 75°C
TA = 125°C
TA = −55°C
TA = 25°C
0.1
Reverse Voltage, VR (V)
1
10
100
SS12FP − SS116FP
S110FP − S115FP
1E−5
1E−4
0.001
0.01
0.1
1
10
100
1000
10000
TA = −40°C



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com