Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

24AA52-/ST Arkusz danych(PDF) 21 Page - Microchip Technology

Numer części 24AA52-/ST
Szczegółowy opis  2K 2.2V I2C??Serial EEPROM with Software Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA52-/ST Arkusz danych(HTML) 21 Page - Microchip Technology

Back Button 24AA52-/ST Datasheet HTML 17Page - Microchip Technology 24AA52-/ST Datasheet HTML 18Page - Microchip Technology 24AA52-/ST Datasheet HTML 19Page - Microchip Technology 24AA52-/ST Datasheet HTML 20Page - Microchip Technology 24AA52-/ST Datasheet HTML 21Page - Microchip Technology 24AA52-/ST Datasheet HTML 22Page - Microchip Technology 24AA52-/ST Datasheet HTML 23Page - Microchip Technology 24AA52-/ST Datasheet HTML 24Page - Microchip Technology 24AA52-/ST Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21166J-page 21
24AA52/24LCS52
APPENDIX A:
REVISION HISTORY
Revision G
Added 2.2V to document; Revised Features section to
include Standard and Pb-free finishes.
Corrections to Section 1.0, Electrical Characteristics;
Product ID System, added lead finish info.
Revision H
Added Reset Software Write-Protect feature.
Added 2x3 DFN package option.
Revision J
Revised Sections 6.3 and 8.4. Revised DFN Package
Drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28