| Zakładka z wyszukiwarką danych komponentów |
|
24AA52-/ST Arkusz danych(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24AA52-/ST Arkusz danych(HTML) 20 Page - Microchip Technology |
|
20 / 28 page ![]() 24AA52/24LCS52 DS21166J-page 20 © 2005 Microchip Technology Inc. 8-Lead Plastic Dual Flat No Lead Package (MC) 2x3x0.9 mm Body (DFN) – Saw Singulated L E2 A3 A1 A TOP VIEW D E EXPOSED PAD METAL D2 BOTTOM VIEW 2 1 bp n (NOTE 3) EXPOSED TIE BAR PIN 1 (NOTE 1) ID INDEX AREA (NOTE 2) CONFIGURATION CONTACT ALTERNATE DETAIL K 3. Package may have one or more exposed tie bars at ends. BSC: Basic Dimension. Theoretically exact value shown without tolerances. REF: Reference Dimension, usually without tolerance, for information purposes only. JEDEC Equivalent MO-229 VCED-2 See ASME Y14.5M See ASME Y14.5M MILLIMETERS* 0.50 BSC 2.00 BSC 0.20 REF. 3.00 BSC 1. Pin 1 visual index feature may vary, but must be located within the hatched area. .039 .035 .031 0.80 A Overall Height 2. Exposed pad may vary according to die attach paddle size. * Controlling Parameter Contact Length § Notes: Contact Width Standoff Overall Width Overall Length Contact Thickness Exposed Pad Width Exposed Pad Length .010 .008 L b .012 0.20 .001 .008 REF. .079 BSC – – .118 BSC D .051 .059 D2 E2 E .000 A3 A1 .069 .075 1.30** 1.50** .002 0.00 Dimension Limits Pitch Number of Pins INCHES .020 BSC MIN n e NOM Units 8 MAX MIN 1.00 0.90 0.25 0.30 – – 1.75 1.90 0.02 0.05 8 NOM MAX Contact-to-Exposed Pad § .012 K .016 0.40 .020 0.30 0.50 ** Not within JEDEC parameters § Significant Characteristic .008 – – 0.20 – – DWG No. C04-123 Revised 09-12-05 |