Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7109CPL Arkusz danych(PDF) 22 Page - Microchip Technology

Numer części TC7109CPL
Szczegółowy opis  12-Bit 關A-Compatible Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109CPL Arkusz danych(HTML) 22 Page - Microchip Technology

Back Button TC7109CPL Datasheet HTML 18Page - Microchip Technology TC7109CPL Datasheet HTML 19Page - Microchip Technology TC7109CPL Datasheet HTML 20Page - Microchip Technology TC7109CPL Datasheet HTML 21Page - Microchip Technology TC7109CPL Datasheet HTML 22Page - Microchip Technology TC7109CPL Datasheet HTML 23Page - Microchip Technology TC7109CPL Datasheet HTML 24Page - Microchip Technology TC7109CPL Datasheet HTML 25Page - Microchip Technology TC7109CPL Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
TC7109/A
DS21456C-page 22
© 2006 Microchip Technology Inc.
5.0
INTEGRATING CONVERTER
FEATURES
The output of integrating ADCs represents the integral,
or average, of an input voltage over a fixed period of
time. Compared with techniques in which the input is
sampled and held, the integrating converter averages
the effects of noise. A second important characteristic
is that time is used to quantize the answer, resulting in
extremely small non-linearity errors and no missing
output codes. The integrating converter also has very
good rejection of frequencies whose periods are an
integral multiple of the measurement period. This
feature can be used to advantage in reducing line
frequency noise (Figure ).
FIGURE 5-1:
Normal Mode Rejection of
Dual Slope Converter as a Function of
Frequency
30
20
10
0
0.1/t
1/t
10/t
Input Frequency
t = Measurement
Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30