Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7109CPL Arkusz danych(PDF) 23 Page - Microchip Technology

Numer części TC7109CPL
Szczegółowy opis  12-Bit 關A-Compatible Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109CPL Arkusz danych(HTML) 23 Page - Microchip Technology

Back Button TC7109CPL Datasheet HTML 19Page - Microchip Technology TC7109CPL Datasheet HTML 20Page - Microchip Technology TC7109CPL Datasheet HTML 21Page - Microchip Technology TC7109CPL Datasheet HTML 22Page - Microchip Technology TC7109CPL Datasheet HTML 23Page - Microchip Technology TC7109CPL Datasheet HTML 24Page - Microchip Technology TC7109CPL Datasheet HTML 25Page - Microchip Technology TC7109CPL Datasheet HTML 26Page - Microchip Technology TC7109CPL Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
© 2006 Microchip Technology Inc.
DS21456C-page 23
TC7109/A
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Package marking data not available at this time.
6.2
Taping Form
Component Taping Orientation for 44-Pin PQFP Devices
User Direction of Feed
Pin 1
Standard Reel Component Orientation
for 713 Suffix Device
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
44-Pin PQFP
24 mm
16 mm
500
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
Note: Drawing does not represent total number of pins.
Pin 1
Component Taping Orientation for 44-Pin PLCC Devices
User Direction of Feed
Standard Reel Component Orientation
for 713 Suffix Device
Note: Drawing does not represent total number of pins.
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
44-Pin PLCC
32 mm
24 mm
500
13 in
Carrier Tape, Number of Components Per Reel and Reel Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30