| Zakładka z wyszukiwarką danych komponentów |
|
ST7LITE49M Arkusz danych(PDF) 179 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE49M Arkusz danych(HTML) 179 Page - STMicroelectronics |
|
179 / 188 page ![]() ST7LITE49M Device configuration and ordering information 179/188 14.3.4 Order codes for development and programming tools Table 101 below lists the ordering codes for the ST7LITE49M development and programming tools. For additional ordering codes for spare parts and accessories, refer to the online product selector at www.st.com/mcu. 14.3.5 Order codes for ST7LITE49M development tools 14.4 ST7 application notes Table 101. Development tool order codes for the ST7LITE49M family MCU In-circuit Debugger, RLink Series(1) Emulator Programming tool ST7FLI49MK1T6 ST7FLI49MK1B6 Starter kit without demo board Starter kit with demo board LITE4 emulator(2) In-circuit programmer ST socket boards and EPBs STX-RLINK(3) STFLITE- SK/RAIS(3) STX-RLINK ST7- STICK(4)(5) LITE4 Socket boardSK/RAIS (2) 1. Available from ST or from Raisonance, www.raisonance.com. 2. Contact local ST sales office for sales types 3. USB connection to PC. 4. Add suffix /EU, /UK or /US for the power supply for your region 5. Parallel port connection to PC Table 102. ST7 application notes Identification Description Application examples AN1658 Serial numbering implementation AN1720 managing the Read-Out Protection in Flash microcontrollers AN1755 A high resolution/precision thermometer using ST7 and NE555 AN1756 Choosing a DALI implementation strategy with ST7DALI AN1812 A high precision, low cost, single supply ADC for positive and negative input voltages Example drivers AN 969 SCI communication between ST7 and PC AN 970 SPI communication between ST7 and EEPROM AN 971 I²C communication between ST7 and M24Cxx EEPROM AN 972 ST7 software SPI master communication AN 973 SCI software communication with a PC using ST72251 16-bit timer AN 974 Real time clock with ST7 timer Output Compare |