| Zakładka z wyszukiwarką danych komponentów |
|
MCP6002-I/MS Arkusz danych(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6002-I/MS Arkusz danych(HTML) 5 Page - Microchip Technology |
|
5 / 28 page ![]() © 2005 Microchip Technology Inc. DS21733F-page 5 MCP6001/2/4 Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2, RL = 10 kΩ to VDD/2 and CL = 60 pF. FIGURE 2-7: Input Noise Voltage Density vs. Frequency. FIGURE 2-8: Input Offset Voltage vs. Common Mode Input Voltage at VDD = 1.8V. FIGURE 2-9: Input Offset Voltage vs. Common Mode Input Voltage at VDD = 5.5V. FIGURE 2-10: Input Offset Voltage Drift. FIGURE 2-11: Input Offset Voltage vs. Output Voltage. FIGURE 2-12: Output Short-Circuit Current vs. Power Supply Voltage. 10 100 1,000 1.E-01 1.E+0 0 1.E+0 1 1.E+0 2 1.E+0 3 1.E+0 4 1.E+0 5 Frequency (Hz) 0.1 10 1 100 10k 1k 100k -700 -600 -500 -400 -300 -200 -100 0 Common Mode Input Voltage (V) V DD = 1.8V TA = -40°C T A = +25°C T A = +85°C TA = +125°C -700 -600 -500 -400 -300 -200 -100 0 Common Mode Input Voltage (V) V DD = 5.5V TA = -40°C T A = +25°C T A = +85°C TA = +125°C 0% 2% 4% 6% 8% 10% 12% 14% 16% 18% Input Offset Voltage Drift (µV/°C) 1225 Samples TA = -40°C to +125°C VCM = VSS -200 -150 -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 Output Voltage (V) VDD = 1.8V VCM = VSS V DD = 5.5V 0 5 10 15 20 25 30 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 Power Supply Voltage (V) T A = -40°C T A = +25°C T A = +85°C TA = +125°C |