Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCP6002-I/MS Arkusz danych(PDF) 11 Page - Microchip Technology

Numer części MCP6002-I/MS
Szczegółowy opis  1 MHz, Low-Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6002-I/MS Arkusz danych(HTML) 11 Page - Microchip Technology

Back Button MCP6002-I/MS Datasheet HTML 7Page - Microchip Technology MCP6002-I/MS Datasheet HTML 8Page - Microchip Technology MCP6002-I/MS Datasheet HTML 9Page - Microchip Technology MCP6002-I/MS Datasheet HTML 10Page - Microchip Technology MCP6002-I/MS Datasheet HTML 11Page - Microchip Technology MCP6002-I/MS Datasheet HTML 12Page - Microchip Technology MCP6002-I/MS Datasheet HTML 13Page - Microchip Technology MCP6002-I/MS Datasheet HTML 14Page - Microchip Technology MCP6002-I/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21733F-page 11
MCP6001/2/4
This voltage rate of change is less than the MCP6001/2/4
slew rate of 0.6 V/µs. When the input voltage swings
below the voltage across C1, D1 becomes reverse-
biased. This opens the feedback loop and rails the
amplifier. When the input voltage increases, the amplifier
recovers at its slew rate. Based on the rate of voltage
change shown in the above equation, it takes an
extended period of time to charge a 0.1 µF capacitor. The
capacitors need to be selected so that the circuit is not
limited by the amplifier slew rate. Therefore, the capaci-
tors should be less than 40 µF and a stabilizing resistor
(RISO) needs to be properly selected. (Refer to
Section 4.3 “Capacitive Loads”).
FIGURE 4-8:
Peak Detector with Clear and Sample CMOS Analog Switches.
VIN
MCP6002
VC1
MCP6002
D1
Op Amp A
Op Amp B
VOUT
MCP6001
Op Amp C
C2
Sample Signal
Clear Signal
Clear
RISO
Sample
–
+
–
+
–
+
CLK
tSAMP
tCLEAR
tDETECT
Switch
Switch
1/2
1/2
R1
RISO VC2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com