| Zakładka z wyszukiwarką danych komponentów |
|
MCP6546-E/P Arkusz danych(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6546-E/P Arkusz danych(HTML) 8 Page - Microchip Technology |
|
8 / 32 page ![]() MCP6546/6R/6U/7/8/9 DS21714E-page 8 © 2006 Microchip Technology Inc. Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+=VDD/2, VIN– = GND, RPU =2.74kΩ to VPU =VDD, and CL =36pF. FIGURE 2-19: Supply Current vs. Pull-Up Voltage. FIGURE 2-20: Supply Current vs. Toggle Frequency. FIGURE 2-21: Output Voltage Headroom vs. Output Current at VDD =1.6V. FIGURE 2-22: Supply Current vs. Pull-Up to Supply Voltage Difference. FIGURE 2-23: Output Short Circuit Current Magnitude vs. Power Supply Voltage. FIGURE 2-24: Output Voltage Headroom vs. Output Current at VDD =5.5V. 0.1 1 10 01 23 45 6 7 8 9 10 11 Pull-Up Voltage, VPU (V) VDD = 2.1V VDD = 2.6V VDD = 3.6V VDD = 4.6V VDD = 5.6V IDD spike near VPU = 1.3V VDD = 1.6V 0.1 1 10 0.1 1 10 100 Toggle Frequency (kHz) VDD = 5.5V VDD = 1.6V 100 mV Overdrive VCM = VDD/2 IDD does not include pull-up resistor current 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 Output Current (mA) VDD = 1.6V VOL–VSS: TA = +125°C TA = +85°C TA = +25°C TA = -40°C 0.1 1 10 -4 -3 -2 -1 01 23456789 Pull-up to Supply Voltage Difference, VPU – VDD (V) VDD = 5.6V VDD = 4.6V VDD = 3.6V VDD = 2.6V VPU = 1.6V to 10.5V VDD = 1.6V VDD = 2.1V 0 5 10 15 20 25 30 35 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 Power Supply Voltage (V) TA = -40°C TA = +25°C TA = +85°C TA = +125°C 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 5 10 15 20 25 Output Current (mA) VDD = 5.5V TA = +125°C TA = +85°C TA = +25°C TA = -40°C VOL – VSS: |