| Zakładka z wyszukiwarką danych komponentów |
|
MCP6546-E/P Arkusz danych(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6546-E/P Arkusz danych(HTML) 1 Page - Microchip Technology |
|
1 / 32 page ![]() © 2006 Microchip Technology Inc. DS21714E-page 1 MCP6546/6R/6U/7/8/9 Features • Low Quiescent Current: 600 nA/comparator (typ.) • Rail-to-Rail Input: VSS - 0.3V to VDD + 0.3V • Open-Drain Output: VOUT ≤ 10V • Propagation Delay: 4 µs (typ., 100 mV Overdrive) • Wide Supply Voltage Range: 1.6V to 5.5V • Single available in SOT-23-5, SC-70-5 * packages • Available in Single, Dual and Quad • Chip Select (CS) with MCP6548 • Low Switching Current • Internal Hysteresis: 3.3 mV (typ.) • Temperature Range: - Industrial: -40°C to +85°C - Extended: -40°C to +125°C Typical Applications • Laptop Computers • Mobile Phones • Metering Systems • Hand-held Electronics • RC Timers • Alarm and Monitoring Circuits • Windowed Comparators • Multi-vibrators Related Devices • CMOS/TTL-Compatible Output: MCP6541/2/3/4 Description The Microchip Technology Inc. MCP6546/7/8/9 family of comparators is offered in single (MCP6546, MCP6546R, MCP6546U), single with chip select (MCP6548), dual (MCP6547) and quad (MCP6549) configurations. The outputs are open-drain and are capable of driving heavy DC or capacitive loads. These comparators are optimized for low power, single-supply application with greater than rail-to-rail input operation. The output limits supply current surges and dynamic power consumption while switching. The open-drain output of the MCP6546/7/8/9 family can be used as a level-shifter for up to 10V using a pull-up resistor. It can also be used as a wired-OR logic. The internal Input hysteresis eliminates output switching due to internal noise voltage, reducing current draw. These comparators operate with a single-supply voltage as low as 1.6V and draw a quiescent current of less than 1 µA/comparator. The related MCP6541/2/3/4 family of comparators from Microchip has a push-pull output that supports rail-to- rail output swing and interfaces with CMOS/TTL logic. * SC-70-5 E-Temp parts not avaliable at this release of the data sheet. MCP6546U SOT-23-5 is E-Temp only. Package Types VIN+ VIN– MCP6546 VSS VDD OUT 1 2 3 4 8 7 6 5 - + NC NC NC PDIP, SOIC, MSOP 4 1 2 3 5 SOT-23-5 VDD OUT VIN+ VSS VIN– MCP6546R MCP6547 VINA+ VINA– VSS 1 2 3 4 8 7 6 5 - OUTA + - + VDD OUTB VINB– VINB+ VIN+ VIN– MCP6548 VSS VDD OUT 1 2 3 4 8 7 6 5 - + NC CS NC PDIP, SOIC, MSOP PDIP, SOIC, MSOP MCP6549 VINA+ VINA– VSS 1 2 3 4 14 13 12 11 - OUTA + - + VDD OUTD VIND– VIND+ 10 9 8 5 6 7 OUTB VINB– VINB+ VINC+ VINC– OUTC + - - + PDIP, SOIC, TSSOP 4 1 2 3 5 SOT-23-5, SC-70-5 VSS OUT VIN+ VDD VIN– MCP6546 4 1 2 3 5 SOT-23-5 VSS VIN– VIN+ VDD OUT MCP6546U Open-Drain Output Sub-Microamp Comparators |
Podobny numer części - MCP6546-E/P |
|
Podobny opis - MCP6546-E/P |