| Zakładka z wyszukiwarką danych komponentów |
|
PS200 Arkusz danych(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PS200 Arkusz danych(HTML) 13 Page - Microchip Technology |
|
13 / 36 page ![]() © 2005 Microchip Technology Inc. DS21891B-page 11 PS200 TABLE 2-1: PS200 LITHIUM CONFIGURABLE PARAMETERS (CONTINUED) Step 3 – LED Display Parameter Name # Bytes Lower Limit Upper Limit Typical Value Description LED1Pending 1 N/A N/A 0b00000000 LED1 display when charge is pending. LED2Pending 1 N/A N/A 0b00000000 LED2 display when charge is pending. LED1Qual 1 N/A N/A 0b00000000 LED1 display during charge qualification. LED2Qual 1 N/A N/A 0b00000000 LED2 display during charge qualification. LED1PC 1 N/A N/A 0b00000000 LED1 display during precharge. LED2PC 1 N/A N/A 0b00000000 LED2 display during precharge. LED1Suspend 1 N/A N/A 0b00000000 LED1 display when charge has been temporarily suspended. LED2Suspend 1 N/A N/A 0b00000000 LED2 display when charge has been temporarily suspended. LED1CR 1 N/A N/A 0b00000000 LED1 display during charge regulation. LED2CR 1 N/A N/A 0b00000000 LED2 display during charge regulation. LED1VR 1 N/A N/A 0b00000000 LED1 display during voltage regulation. LED2VR 1 N/A N/A 0b00000000 LED2 display during voltage regulation. LED1Full 1 N/A N/A 0b00000000 LED1 display when battery is fully charged. LED2Full 1 N/A N/A 0b00000000 LED2 display when battery is fully charged. Miscellaneous Parameter Name # Bytes Lower Limit Upper Limit Typical Value Description PatternID 2 0x0 0xFFFF 0x0 Pattern ID. BatIDMin 1 0 255 0 BATID input pin value minimum. BatIDMax 1 0 255 255 BATID input pin value maximum. |