Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC12F683-I/MFQTP Arkusz danych(PDF) 78 Page - Microchip Technology

Numer części PIC12F683-I/MFQTP
Szczegółowy opis  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-I/MFQTP Arkusz danych(HTML) 78 Page - Microchip Technology

Back Button PIC12F683-I/MFQTP Datasheet HTML 74Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 75Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 76Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 77Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 78Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 79Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 80Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 81Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 176 page
background image
PIC12F683
DS41211D-page 76
© 2007 Microchip Technology Inc.
11.1
Capture Mode
In Capture mode, CCPR1H:CCPR1L captures the
16-bit value of the TMR1 register when an event occurs
on pin CCP1. An event is defined as one of the
following and is configured by the CCP1M<3:0> bits of
the CCP1CON register:
• Every falling edge
• Every rising edge
• Every 4th rising edge
• Every 16th rising edge
When a capture is made, the Interrupt Request Flag bit
CCP1IF of the PIR1 register is set. The interrupt flag
must be cleared in software. If another capture occurs
before the value in the CCPR1H, CCPR1L register pair
is read, the old captured value is overwritten by the new
captured value (see Figure 11-1).
11.1.1
CCP1 PIN CONFIGURATION
In Capture mode, the CCP1 pin should be configured
as an input by setting the associated TRIS control bit.
FIGURE 11-1:
CAPTURE MODE
OPERATION BLOCK
DIAGRAM
11.1.2
TIMER1 MODE SELECTION
Timer1 must be running in Timer mode or Synchronized
Counter mode for the CCP module to use the capture
feature. In Asynchronous Counter mode, the capture
operation may not work.
11.1.3
SOFTWARE INTERRUPT
When the Capture mode is changed, a false capture
interrupt may be generated. The user should keep the
CCP1IE interrupt enable bit of the PIE1 register clear to
avoid false interrupts. Additionally, the user should
clear the CCP1IF interrupt flag bit of the PIR1 register
following any change in operating mode.
11.1.4
CCP PRESCALER
There are four prescaler settings specified by the
CCP1M<3:0>
bits
of
the
CCP1CON
register.
Whenever the CCP module is turned off, or the CCP
module is not in Capture mode, the prescaler counter
is cleared. Any Reset will clear the prescaler counter.
Switching from one capture prescaler to another does not
clear the prescaler and may generate a false interrupt. To
avoid this unexpected operation, turn the module off by
clearing the CCP1CON register before changing the
prescaler (see Example 11-1).
EXAMPLE 11-1:
CHANGING BETWEEN
CAPTURE PRESCALERS
Note:
If the CCP1 pin is configured as an output,
a write to the GPIO port can cause a
capture condition.
CCPR1H
CCPR1L
TMR1H
TMR1L
Set Flag bit CCP1IF
(PIR1 register)
Capture
Enable
CCP1CON<3:0>
Prescaler
÷ 1, 4, 16
and
Edge Detect
pin
CCP1
System Clock (FOSC)
BANKSEL CCP1CON
;Set Bank bits to point
;to CCP1CON
CLRF
CCP1CON
;Turn CCP module off
MOVLW
NEW_CAPT_PS ;Load the W reg with
; the new prescaler
; move value and CCP ON
MOVWF
CCP1CON
;Load CCP1CON with this
; value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com