Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC12F683-I/MFQTP Arkusz danych(PDF) 88 Page - Microchip Technology

Numer części PIC12F683-I/MFQTP
Szczegółowy opis  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-I/MFQTP Arkusz danych(HTML) 88 Page - Microchip Technology

Back Button PIC12F683-I/MFQTP Datasheet HTML 84Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 85Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 86Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 87Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 88Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 89Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 90Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 91Page - Microchip Technology PIC12F683-I/MFQTP Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 176 page
background image
PIC12F683
DS41211D-page 86
© 2007 Microchip Technology Inc.
12.3.1
POWER-ON RESET
The on-chip POR circuit holds the chip in Reset until
VDD has reached a high enough level for proper
operation. To take advantage of the POR, simply
connect the MCLR pin through a resistor to VDD. This
will eliminate external RC components usually needed
to create Power-on Reset. A maximum rise time for
VDD
is
required.
See
Section 15.0
“Electrical
Specifications” for details. If the BOR is enabled, the
maximum rise time specification does not apply. The
BOR circuitry will keep the device in Reset until VDD
reaches VBOD (see Section 12.3.4 “Brown-Out Reset
(BOR)”).
When the device starts normal operation (exits the
Reset condition), device operating parameters (i.e.,
voltage, frequency, temperature, etc.) must be met to
ensure operation. If these conditions are not met, the
device must be held in Reset until the operating
conditions are met.
For additional information, refer to the Application Note
AN607, “Power-up Trouble Shooting” (DS00607).
12.3.2
MCLR
PIC12F683 has a noise filter in the MCLR Reset path.
The filter will detect and ignore small pulses.
It should be noted that a WDT Reset does not drive
MCLR pin low.
Voltages applied to the MCLR pin that exceed its
specification can result in both MCLR Resets and
excessive current beyond the device specification
during the ESD event. For this reason, Microchip
recommends that the MCLR pin no longer be tied
directly to VDD. The use of an RC network, as shown in
Figure 12-2, is suggested.
An internal MCLR option is enabled by clearing the
MCLRE bit in the Configuration Word register. When
MCLRE = 0, the Reset signal to the chip is generated
internally. When the MCLRE = 1, the GP3/MCLR pin
becomes an external Reset input. In this mode, the
GP3/MCLR pin has a weak pull-up to VDD.
FIGURE 12-2:
RECOMMENDED MCLR
CIRCUIT
12.3.3
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 64 ms (nominal)
time-out on power-up only, from POR or Brown-out
Reset. The Power-up Timer operates from the 31 kHz
LFINTOSC oscillator. For more information, see
Section 3.5 “Internal Clock Modes”. The chip is kept
in Reset as long as PWRT is active. The PWRT delay
allows the VDD to rise to an acceptable level. A
Configuration bit, PWRTE, can disable (if set) or enable
(if cleared or programmed) the Power-up Timer. The
Power-up Timer should be enabled when Brown-out
Reset is enabled, although it is not required.
The Power-up Timer delay will vary from chip-to-chip
due to:
•VDD variation
• Temperature variation
• Process variation
See
DC
parameters
for
details
(Section 15.0
“Electrical Specifications”).
Note:
The POR circuit does not produce an
internal Reset when VDD declines. To
re-enable the POR, VDD must reach Vss
for a minimum of 100
μs.
Note:
Voltage spikes below VSS at the MCLR
pin, inducing currents greater than 80 mA,
may cause latch-up. Thus, a series resis-
tor of 50-100
Ω should be used when
applying a “low” level to the MCLR pin,
rather than pulling this pin directly to VSS.
VDD
PIC®
MCLR
R1
1k
Ω (or greater)
C1
0.1
μF
(optional, not critical)
R2
100
Ω
(needed with capacitor)
SW1
(optional)
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com