| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F16-E/SOSQTP Arkusz danych(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F16-E/SOSQTP Arkusz danych(HTML) 24 Page - Microchip Technology |
|
24 / 136 page ![]() PIC16F716 DS41206B-page 22 © 2007 Microchip Technology Inc. FIGURE 3-4: BLOCK DIAGRAM OF RB1/T1OSO/T1CKI PIN FIGURE 3-5: BLOCK DIAGRAM OF RB2/T1OSI PIN Q D Q CK Q D Q CK TTL Buffer TRIS Latch Data Latch RB1/T1OSO/T1CKI DATA BUS WR PORTB WR TRISB T1OSCEN RD PORTB T1OSI (From RB2) To Timer1 clock input P VDD weak pull-up RBPU(1) T1OSCEN VSS VDD Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION register). RD TRISB D Q EN TMR1 oscillator ST Buffer P VDD weak pull-up Q D Q CK Q D Q CK TTL Buffer TRIS Latch Data Latch DATA BUS WR PORTB WR TRISB T1OSCEN RD PORTB RB2/T1OSI RBPU(1) T1OSCEN VSS VDD Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION register). RD TRIS D Q EN T1OSO (To RB1) TMR1 Oscillator |