| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F16-E/SOSQTP Arkusz danych(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F16-E/SOSQTP Arkusz danych(HTML) 25 Page - Microchip Technology |
|
25 / 136 page ![]() © 2007 Microchip Technology Inc. DS41206B-page 23 PIC16F716 FIGURE 3-6: BLOCK DIAGRAM OF RB3/CCP1/P1A PIN FIGURE 3-7: BLOCK DIAGRAM OF RB4/ECCPAS0 PIN Q D Q CK Q D Q CK TRIS Latch Data Latch RB3/CCP1/P1A DATA BUS WR PORTB WR TRISB RD PORTB TTL Buffer 0 1 P VDD weak pull-up RBPU(1) [PWMA(P1A) / CCP1 Compare] Output Enable VSS VDD Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION register). [PWMA(P1A) / CCP1 Compare] Output PWMA(P1A) Auto-shutdown tri-state RD TRIS D Q EN Schmitt Trigger Buffer CCP – Capture input Data Latch From other RBPU(1) P VDD RB4/ECCPAS0 Q D CK Q D CK QD EN QD EN DATA BUS WR PORTB WR TRISB Set RBIF TRIS Latch RD TRIS RD PORT RB<7:4> pins weak pull-up RD PORT Latch TTL Buffer ST Buffer ECCPAS0: ECCP Auto-Shutdown input Q3 Q1 Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit of the OPTION register. VSS VDD |