Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSPIC30F2012A20I/SP Arkusz danych(PDF) 52 Page - Microchip Technology

Numer części DSPIC30F2012A20I/SP
Szczegółowy opis  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012A20I/SP Arkusz danych(HTML) 52 Page - Microchip Technology

Back Button DSPIC30F2012A20I/SP Datasheet HTML 48Page - Microchip Technology DSPIC30F2012A20I/SP Datasheet HTML 49Page - Microchip Technology DSPIC30F2012A20I/SP Datasheet HTML 50Page - Microchip Technology DSPIC30F2012A20I/SP Datasheet HTML 51Page - Microchip Technology DSPIC30F2012A20I/SP Datasheet HTML 52Page - Microchip Technology DSPIC30F2012A20I/SP Datasheet HTML 53Page - Microchip Technology DSPIC30F2012A20I/SP Datasheet HTML 54Page - Microchip Technology DSPIC30F2012A20I/SP Datasheet HTML 55Page - Microchip Technology DSPIC30F2012A20I/SP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 50
© 2006 Microchip Technology Inc.
5.6.3
LOADING WRITE LATCHES
Example 5-2 shows a sequence of instructions that
can be used to load the 96 bytes of write latches. 32
TBLWTL
and 32 TBLWTH instructions are needed to
load the write latches selected by the Table Pointer.
5.6.4
INITIATING THE PROGRAMMING
SEQUENCE
For protection, the write initiate sequence for NVMKEY
must be used to allow any erase or program operation
to proceed. After the programming command has been
executed, the user must wait for the programming time
until programming is complete. The two instructions fol-
lowing the start of the programming sequence should
be NOPs as shown in Example 5-3.
EXAMPLE 5-2:
LOADING WRITE LATCHES
EXAMPLE 5-3:
INITIATING A PROGRAMMING SEQUENCE
; Set up a pointer to the first program memory location to be written
; program memory selected, and writes enabled
MOV
#0x0000,W0
;
MOV
W0,TBLPAG
; Initialize PM Page Boundary SFR
MOV
#0x6000,W0
; An example program memory address
; Perform the TBLWT instructions to write the latches
; 0th_program_word
MOV
#LOW_WORD_0,W2
;
MOV
#HIGH_BYTE_0,W3
;
TBLWTL
W2,[W0]
; Write PM low word into program latch
TBLWTH
W3,[W0++]
; Write PM high byte into program latch
; 1st_program_word
MOV
#LOW_WORD_1,W2
;
MOV
#HIGH_BYTE_1,W3
;
TBLWTL
W2,[W0]
; Write PM low word into program latch
TBLWTH
W3,[W0++]
; Write PM high byte into program latch
;
2nd_program_word
MOV
#LOW_WORD_2,W2
;
MOV
#HIGH_BYTE_2,W3
;
TBLWTL
W2, [W0]
; Write PM low word into program latch
TBLWTH
W3, [W0++]
; Write PM high byte into program latch
•
•
•
; 31st_program_word
MOV
#LOW_WORD_31,W2
;
MOV
#HIGH_BYTE_31,W3
;
TBLWTL
W2, [W0]
; Write PM low word into program latch
TBLWTH
W3, [W0++]
; Write PM high byte into program latch
Note: In Example 5-2, the contents of the upper byte of W3 has no effect.
DISI
#5
; Block all interrupts with priority <7 for
; next 5 instructions
MOV
#0x55,W0
;
MOV
W0,NVMKEY
; Write the 0x55 key
MOV
#0xAA,W1
;
MOV
W1,NVMKEY
; Write the 0xAA key
BSET
NVMCON,#WR
; Start the erase sequence
NOP
; Insert two NOPs after the erase
NOP
; command is asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More