| Zakładka z wyszukiwarką danych komponentów |
|
DSPIC30F2012A20I/SP Arkusz danych(PDF) 91 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012A20I/SP Arkusz danych(HTML) 91 Page - Microchip Technology |
|
91 / 205 page ![]() © 2006 Microchip Technology Inc. DS70139E-page 89 dsPIC30F2011/2012/3012/3013 13.0 SPI MODULE The Serial Peripheral Interface (SPI) module is a syn- chronous serial interface. It is useful for communicating with other peripheral devices, such as EEPROMs, shift registers, display drivers and A/D converters, or other microcontrollers. It is compatible with Motorola's SPI and SIOP interfaces. The dsPIC30F2011/2012/3012/ 3013 devices feature one SPI module, SPI1. 13.1 Operating Function Description Figure 13-1 is a simplified block diagram of the SPI module, which consists of a 16-bit shift register, SPI1SR , used for shifting data in and out, and a buffer register, SPI1BUF. Control register SPI1CON (not shown) configures the module. Additionally, status reg- ister SPI1STAT (not shown) indicates various status conditions. Four I/O pins comprise the serial interface: • SDI1 (serial data input) • SDO1 (serial data output) • SCK1 (shift clock input or output) • SS1 (active-low slave select). In Master mode operation, SCK1 is a clock output. In Slave mode, it is a clock input. A series of eight (8) or sixteen (16) clock pulses shift out bits from the SPI1SR to SDO1 pin and simulta- neously shift in data from SDI1 pin. An interrupt is generated when the transfer is complete and the interrupt flag bit (SPI1IF) is set. This interrupt can be disabled through the interrupt enable bit, SPI1IE. The receive operation is double-buffered. When a com- plete byte is received, it is transferred from SPI1SR to SPI1BUF. If the receive buffer is full when new data is being trans- ferred from SPI1SR to SPI1BUF, the module will set the SPIROV bit indicating an overflow condition. The trans- fer of the data from SPI1SR to SPI1BUF is not com- pleted and the new data is lost. The module will not respond to SCL transitions while SPIROV is ‘1’, effec- tively disabling the module until SPI1BUF is read by user software. Transmit writes are also double-buffered. The user writes to SPI1BUF. When the master or slave transfer is completed, the contents of the shift register (SPI1SR) are moved to the receive buffer. If any trans- mit data has been written to the buffer register, the con- tents of the transmit buffer are moved to SPI1SR. The received data is thus placed in SPI1BUF and the trans- mit data in SPI1SR is ready for the next transfer. FIGURE 13-1: SPI BLOCK DIAGRAM Note: This data sheet summarizes features of this group of dsPIC30F devices and is not intended to be a complete reference source. For more information on the CPU, peripherals, register descriptions and general device functionality, refer to the “dsPIC30F Family Reference Manual “ (DS70046). Note: See “dsPIC30F Family Reference Man- ual” (DS70046) for detailed information on the control and status registers. Note: Both the transmit buffer (SPI1TXB) and the receive buffer (SPI1RXB) are mapped to the same register address, SPI1BUF. Read Write Internal Data Bus SDI1 SDO1 SS1 SCK1 SPI1SR SPIxBUF bit 0 Shift Clock Edge Select FCY Primary 1, 4, 16, 64 Enable Master Clock Prescaler Secondary Prescaler 1:1 – 1:8 SS & FSYNC Control Clock Control Transmit SPIxBUF Receive |