Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BOS01Z8 Arkusz danych(PDF) 1 Page - Balluff Korea Ltd.

Numer części BOS01Z8
Szczegółowy opis  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BALLUFF [Balluff Korea Ltd.]
Strona internetowa  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01Z8 Arkusz danych(HTML) 1 Page - Balluff Korea Ltd.

  BOS01Z8 Datasheet HTML 1Page - Balluff Korea Ltd. BOS01Z8 Datasheet HTML 2Page - Balluff Korea Ltd. BOS01Z8 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photoelectric Sensors
BOS 21M-PA-RH22-S4
Order Code: BOS01Z8
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-04
Subject to change without notice: 273506
ETIM 6.0: EC002719
BOS01Z8_0.81_2024-09-02
1 / 3
1) Display and control panel, 2) rotatable 270°, 3) Optical axis emitter, 4) Optical axis receiver
Basic features
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2
Principle of operation
Photoelectric sensor
Series
21M
Style
Square
Connection can be rotated
Display/Operation
Adjuster
10-turn potentiometer
Display
Output function- LED yellow
LED green: Power
Error - LED yellow, flashing
Short circuit - LED green, flashing
Setting
Rated switching distance (Sn)
Electrical connection
Connection
Connector, M12x1-Male, 4-pin
Contact, surface protection
Gold plated
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes


Podobny numer części - BOS01Z8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Balluff Korea Ltd.
BOS0134 BALLUFF-BOS0134 Datasheet
105Kb / 2P
Photoelectric Sensors
2024-10-10
BOS018P BALLUFF-BOS018P Datasheet
128Kb / 3P
Photoelectric Sensors
2024-09-02
BOS01CE BALLUFF-BOS01CE Datasheet
107Kb / 2P
Photoelectric Sensors
2024-09-02
BOS01CF BALLUFF-BOS01CF Datasheet
108Kb / 2P
Photoelectric Sensors
2024-09-02
BOS01CR BALLUFF-BOS01CR Datasheet
150Kb / 3P
Photoelectric Sensors
2024-09-02
More results

Podobny opis - BOS01Z8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com