Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BOS01Z8 Arkusz danych(PDF) 2 Page - Balluff Korea Ltd.

Numer części BOS01Z8
Szczegółowy opis  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BALLUFF [Balluff Korea Ltd.]
Strona internetowa  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01Z8 Arkusz danych(HTML) 2 Page - Balluff Korea Ltd.

  BOS01Z8 Datasheet HTML 1Page - Balluff Korea Ltd. BOS01Z8 Datasheet HTML 2Page - Balluff Korea Ltd. BOS01Z8 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 21M-PA-RH22-S4
Order Code: BOS01Z8
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-04
Subject to change without notice: 273506
ETIM 6.0: EC002719
BOS01Z8_0.81_2024-09-02
2 / 3
Electrical data
Load capacitance max. at Ue
0.2 µF
No-load current Io max. at Ue
40 mA
Operating voltage Ub
10...30 VDC
Protection class
II
Rated insulation voltage Ui
250 V AC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
50 ms
Residual current Ir max.
500 µA
Ripple max. (% of Ue)
15 %
Switching frequency
500 Hz
Turn-off delay toff max.
1 ms
Turn-on delay ton max.
1 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
2 V
Environmental conditions
Ambient temperature
-5...55 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 1 mm, 3x30
min
IP rating
IP67
Functional safety
MTTF (40 °C)
264 a
Interface
Switching output
PNP normally closed (NC)
PNP normally open (NO) Pins 4-2
Material
Housing material
Zinc, Die casting, Powder coated
Aluminium
Material sensing surface
Glass
Surface protection
Powder coated
Mechanical data
Dimension
15 x 51 x 42.5 mm
Mounting part
Screw M4
Optical features
Ambient light max.
10000 Lux
Beam characteristic
Focus, typical at 200 mm
LED group per IEC 62471
Exempt Group
Light spot size
6 x 6 mm at 200 mm
Light type
LED, red light
Principle of optical operation
Diffuse sensor, triangulation
Special optical feature
Background suppression
Switching function, optical
Light/dark switching
Wave length
650 nm
Range/Distance
Distance deviation 18 % max. (% of Sr)
8 %
Hysteresis H max. (% of Sr)
5.0 %
Range
1...400 mm
Rated operating distance Sn
400 mm Adjustable
Repeat accuracy max. (% of Sr)
1.0 %
Temperature drift max. (% of Sr)
10 %
Remarks
Order accessories separately.
For additional information, refer to user's guide.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
Reference object (target): gray card, 100 x 100, 90 % remission, axial approach.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Connector Drawings



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com