Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BOS02H7 Arkusz danych(PDF) 1 Page - Balluff Korea Ltd.

Numer części BOS02H7
Szczegółowy opis  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BALLUFF [Balluff Korea Ltd.]
Strona internetowa  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02H7 Arkusz danych(HTML) 1 Page - Balluff Korea Ltd.

  BOS02H7 Datasheet HTML 1Page - Balluff Korea Ltd. BOS02H7 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photoelectric Sensors
BOS R030K-PS-RF10-02
Order Code: BOS02H7
Internet
www.balluff.com
eCl@ss 9.1:
Subject to change without notice: 296324
ETIM 6.0:
BOS02H7_0.16_2024-10-10
1 / 2
1) LED (Status), 2) LED (Power)
Basic features
Approval/Conformity
CE
UKCA
cULus
WEEE
Principle of operation
Photoelectric sensor
Series
R030K
Style
Square
Optics 90°
Display/Operation
Adjuster
no
Display
Output function - LED orange
supply voltage - LED green
Stability - LED green
Electrical connection
Cable diameter D
2.6 mm
Cable length L
2 m
Connection
Cable, 2.00 m, PVC
Number of conductors
3
Polarity reversal protected
yes
Electrical data
No-load current Io max. at Ue
10 mA
Operating voltage Ub
10...30 VDC
Rated operating current Ie
50 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
2 ms
Ripple max. (% of Ue)
10 %
Switching frequency
800 Hz
Turn-off delay toff max.
0.25 ms
Turn-on delay ton max.
0.25 ms
Voltage drop Ud max. at Ie
2 V
Environmental conditions
Ambient temperature
-25...55 °C
EN 60068-2-27, Shock
500m/s² X,Y,Z, 3x
EN 60068-2-6, Vibration
10 … 55Hz, double amplitude
1.5mm,X,Y,Z, 2h
IP rating
IP67
Storage temperature
-30...70 °C
Functional safety
MTTF (40 °C)
104 a
Interface
Switching output
PNP normally open (NO)


Podobny numer części - BOS02H7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Balluff Korea Ltd.
BOS02HL BALLUFF-BOS02HL Datasheet
108Kb / 2P
Photoelectric Sensors
2024-10-10
More results

Podobny opis - BOS02H7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com