Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BOS02H7 Arkusz danych(PDF) 2 Page - Balluff Korea Ltd.

Numer części BOS02H7
Szczegółowy opis  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BALLUFF [Balluff Korea Ltd.]
Strona internetowa  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02H7 Arkusz danych(HTML) 2 Page - Balluff Korea Ltd.

  BOS02H7 Datasheet HTML 1Page - Balluff Korea Ltd. BOS02H7 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS R030K-PS-RF10-02
Order Code: BOS02H7
Internet
www.balluff.com
eCl@ss 9.1:
Subject to change without notice: 296324
ETIM 6.0:
BOS02H7_0.16_2024-10-10
2 / 2
Material
Housing material
PBT & ABS
Material jacket
PVC
Material sensing surface
PMMA
Mechanical data
Dimension
14 x 4.2 x 20.5 mm
Mounting part
Diameter 2.2 mm
Weight
10 g
Optical features
Ambient light
Sunlight: 10,000 lux, incandescent
lamp: 3,000 lux
Beam characteristic
Focus, typical at 15 mm
Light spot size
4 x 4 mm
Light type
LED, red light
Principle of optical operation
Diffuse sensor, triangulation
Smallest part typ.
0.2 mm
Special optical feature
Background suppression
Wave length
630 nm
Range/Distance
Range
3...30 mm
Rated operating distance Sn
30 mm
Repeat accuracy
0.1 mm
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com