| Zakładka z wyszukiwarką danych komponentów |
|
PM7367 Arkusz danych(PDF) 224 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Arkusz danych(HTML) 224 Page - PMC-Sierra, Inc |
|
224 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 210 indirect channel write operation, must be set up in this register before triggering the write. When 7BIT is set high, the least significant bit (last bit of each octet transmitted) does not contain channel data and is forced to the value configured by the BIT8 register bit. When 7BIT is set low, the entire octet contains valid data and BIT8 is ignored. 7BIT reflects the value written until the completion of a subsequent indirect channel read operation. |