| Zakładka z wyszukiwarką danych komponentów |
|
PM7367 Arkusz danych(PDF) 66 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Arkusz danych(HTML) 66 Page - PMC-Sierra, Inc |
|
66 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 52 Figure 9 – GPIC Address Map CBI Registers Base Address CBI Registers 4KB PCI ADDRESS MAP 0B 4GB The GPIC responds with medium timing to master accesses. (I.e. DEVSELB is asserted 2 PCICLK cycles after FRAMEB asserted) It inserts three wait states on reads to the internal CBI register space (four wait states for the 2nd and subsequent dwords of a burst read). The target machine will only terminate an access with a Retry if the target is locked and another master tries to access the GPIC. The GPIC will terminate any access to a non-burst area with a Disconnect and always with data transferred. The target does not support delayed transactions. The GPIC will perform a Target-Abort termination only in the case of an address parity error in an address that the GPIC claims. |