| Zakładka z wyszukiwarką danych komponentów |
|
PM7367 Arkusz danych(PDF) 318 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Arkusz danych(HTML) 318 Page - PMC-Sierra, Inc |
|
318 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 304 Figure 40 – Transmit Link Output Timing TCLK[n] tP TD TD[n] Figure 41 – BERT Output Timing RBCLK tPRBD RBD Table 34 – PCI Interface (Figure 42) Symbol Description Min Max Units PCICLK Frequency 33 MHz PCICLK Duty Cycle 40 60 % tSPCI All PCI Input and Bi-directional Set- up time to PCICLK 7 ns tHPCI All PCI Output and Bi-directional Hold time to PCICLK 0 ns tPPCI PCICLK to all PCI Outputs Valid 2 11 ns tZPCI All PCI Output PCICLK to Tri-state 28 ns tZNPCI All PCI Output Tri-state from PCICLK to active 2 ns |