| Zakładka z wyszukiwarką danych komponentów |
|
TDA4VM21 Arkusz danych(PDF) 83 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 Arkusz danych(HTML) 83 Page - Texas Instruments |
|
83 / 331 page ![]() Table 5-7. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPIO0_21 General Purpose Input/Output IO AE22 GPIO0_22 General Purpose Input/Output IO AG23 GPIO0_23 General Purpose Input/Output IO AF23 GPIO0_24 General Purpose Input/Output IO AD23 GPIO0_25 General Purpose Input/Output IO AH24 GPIO0_26 General Purpose Input/Output IO AG21 GPIO0_27 General Purpose Input/Output IO AE23 GPIO0_28 General Purpose Input/Output IO AC21 GPIO0_29 General Purpose Input/Output IO Y23 GPIO0_30 General Purpose Input/Output IO AF21 GPIO0_31 General Purpose Input/Output IO AB23 GPIO0_32 General Purpose Input/Output IO AJ25 GPIO0_33 General Purpose Input/Output IO AH25 GPIO0_34 General Purpose Input/Output IO AG25 GPIO0_35 General Purpose Input/Output IO AH26 GPIO0_36 General Purpose Input/Output IO AJ27 GPIO0_37 General Purpose Input/Output IO AJ26 GPIO0_38 General Purpose Input/Output IO AC22 GPIO0_39 General Purpose Input/Output IO AJ22 GPIO0_40 General Purpose Input/Output IO AH22 GPIO0_41 General Purpose Input/Output IO AD19 GPIO0_42 General Purpose Input/Output IO AD18 GPIO0_43 General Purpose Input/Output IO AF28 GPIO0_44 General Purpose Input/Output IO AE28 GPIO0_45 General Purpose Input/Output IO AE27 GPIO0_46 General Purpose Input/Output IO AD26 GPIO0_47 General Purpose Input/Output IO AD25 GPIO0_48 General Purpose Input/Output IO AC29 GPIO0_49 General Purpose Input/Output IO AE26 GPIO0_50 General Purpose Input/Output IO AC28 GPIO0_51 General Purpose Input/Output IO AC27 GPIO0_52 General Purpose Input/Output IO AB26 GPIO0_53 General Purpose Input/Output IO AB25 GPIO0_54 General Purpose Input/Output IO AJ28 GPIO0_55 General Purpose Input/Output IO AH27 GPIO0_56 General Purpose Input/Output IO AH29 GPIO0_57 General Purpose Input/Output IO AG28 GPIO0_58 General Purpose Input/Output IO AG27 GPIO0_59 General Purpose Input/Output IO AH28 GPIO0_60 General Purpose Input/Output IO AB24 GPIO0_61 General Purpose Input/Output IO AB29 GPIO0_62 General Purpose Input/Output IO AB28 GPIO0_63 General Purpose Input/Output IO AE29 GPIO0_64 General Purpose Input/Output IO AD28 www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 83 Product Folder Links: TDA4VM-Q1 TDA4VM |