| Zakładka z wyszukiwarką danych komponentów |
|
TDA4VM21 Arkusz danych(PDF) 84 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 Arkusz danych(HTML) 84 Page - Texas Instruments |
|
84 / 331 page ![]() Table 5-7. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPIO0_65 General Purpose Input/Output IO AD27 GPIO0_66 General Purpose Input/Output IO AC25 GPIO0_67 General Purpose Input/Output IO AD29 GPIO0_68 General Purpose Input/Output IO AB27 GPIO0_69 General Purpose Input/Output IO AC26 GPIO0_70 General Purpose Input/Output IO AA24 GPIO0_71 General Purpose Input/Output IO AA28 GPIO0_72 General Purpose Input/Output IO Y24 GPIO0_73 General Purpose Input/Output IO AA25 GPIO0_74 General Purpose Input/Output IO AG26 GPIO0_75 General Purpose Input/Output IO AF27 GPIO0_76 General Purpose Input/Output IO AF26 GPIO0_77 General Purpose Input/Output IO AE25 GPIO0_78 General Purpose Input/Output IO AF29 GPIO0_79 General Purpose Input/Output IO AG29 GPIO0_80 General Purpose Input/Output IO Y25 GPIO0_81 General Purpose Input/Output IO AA26 GPIO0_82 General Purpose Input/Output IO AA29 GPIO0_83 General Purpose Input/Output IO Y26 GPIO0_84 General Purpose Input/Output IO AA27 GPIO0_85 General Purpose Input/Output IO U23 GPIO0_86 General Purpose Input/Output IO U26 GPIO0_87 General Purpose Input/Output IO V28 GPIO0_88 General Purpose Input/Output IO V29 GPIO0_89 General Purpose Input/Output IO V27 GPIO0_90 General Purpose Input/Output IO U28 GPIO0_91 General Purpose Input/Output IO U29 GPIO0_92 General Purpose Input/Output IO U25 GPIO0_93 General Purpose Input/Output IO U27 GPIO0_94 General Purpose Input/Output IO U24 GPIO0_95 General Purpose Input/Output IO R23 GPIO0_96 General Purpose Input/Output IO T23 GPIO0_97 General Purpose Input/Output IO Y28 GPIO0_98 General Purpose Input/Output IO V23 GPIO0_99 General Purpose Input/Output IO W23 Table 5-8. GPIO1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPIO1_0 General Purpose Input/Output IO AD5 GPIO1_1 General Purpose Input/Output IO W5 GPIO1_2 General Purpose Input/Output IO W6 GPIO1_3 General Purpose Input/Output IO W3 GPIO1_4 General Purpose Input/Output IO V4 GPIO1_5 General Purpose Input/Output IO W2 TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 www.ti.com 84 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VM-Q1 TDA4VM |