Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RST2016AL Arkusz danych(PDF) 1 Page - Rakon Limited

Numer części RST2016AL
Szczegółowy opis  HIGH STABILITY SMD 1.2V TCXO | SMART GRIDS AND METERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAKON [Rakon Limited]
Strona internetowa  https://www.rakon.com/
Logo RAKON - Rakon Limited

RST2016AL Arkusz danych(HTML) 1 Page - Rakon Limited

  RST2016AL Datasheet HTML 1Page - Rakon Limited RST2016AL Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH STABILITY SMD 1.2V TCXO | SMART GRIDS AND METERS
Issue: A, 9 October 2024
Specifications are subject to change without notice.
Copyright © 2024 Rakon Limited. All rights reserved
Page 1 of 2
Contact Us
RST2016AL
The low-power TCXO RST2016AL features an analogue ASIC-based oscillator and a high-order temperature compensation circuit within a
compact 2.0 x 1.6 mm package. The device offers enable/disable functionality, optimises power efficiency during standard operation, and
can operate at a supply voltage as low as 1.2 V.
The RST2016AL TCXO provides ±0.5 ppm frequency stability over a temperature range of -40°C to 85°C. With its low power consumption,
compact footprint, and advanced compensation technology, it is ideally suited for time and frequency reference applications across wireless
modules, GNSS positioning, consumer devices and IoT.
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency (Fn)
13 – 52
MHz
Frequency calibration
±1
ppm
Offset from nominal frequency measured at 25°C
±2°C
Reflow shift (∆F)
±1
ppm
Two consecutive reflows as per attached profile
after 2 hours relaxation at 25°C
Operating temperature range
-40
85
°C
The operating temperature range over which the
frequency stability is measured
Frequency stability
over temperature (FvT)
±0.5
ppm
Referenced to the midpoint between minimum and
maximum frequency value over the specified
temperature range1.
Control voltage set to midpoint of VC
Sensitivity to supply voltage
variations
±0.1
ppm
VDD varied ±5% at 25°C
Sensitivity to load variations
±0.2
ppm
±10% load change at 25°C
Long term stability
±1
±5
ppm
Over 1 year at 25±5°C
Over 10 years at 25±5°C
Supply voltage (VDD)
1.2 – 1.8
V
With a tolerance of ±5%
Supply current
~26 MHz
~32 MHz
≤52 MHz
1.5
2.0
2.5
mA
At maximum VDD. Specified for load stated in
oscillator output section at 25°C.
Output voltage level
0.8
1.2
Vpk-pk
Output load resistance
9
10
11
kΩ
Output load capacitance
9
10
11
pF
Start-up time (amplitude)
0.5
ms
Within 90% of the minimum specified output level
Start-up time (frequency)
2
ms
Within ±0.5 ppm of steady-state frequency
1
Parts should be shielded from drafts that cause unexpected thermal gradients. Temperature changes due to ambient air currents on the oscillator can lead
to short-term frequency drift.
Features
Applications
2.0 x 1.6 x 0.7
mm
Low supply voltage 1.2 V
Power down mode
High temperature stability of ±0.5 ppm over
wide temperature ranges
Wireless modules
Communications
GNSS
IoT and consumer devices


Podobny numer części - RST2016AL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rakon Limited
RST2016A RAKON-RST2016A Datasheet
715Kb / 2P
HIGH STABILITY SMD TCXO/VCTCXO | GNSS AND COMMUNICATIONS
28 July 2022
More results

Podobny opis - RST2016AL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Epson ToYoCom
TCO-5060 EPSONTOYOCOM-TCO-5060 Datasheet
332Kb / 2P
TCXO HIGH-STABILITY
logo
Epson Company
TG-5006CE EPSON-TG-5006CE Datasheet
393Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L_15 Datasheet
1Mb / 13P
Smart meters
logo
Seiko Instruments Inc
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG2016SBN SII-TG2016SBN Datasheet
648Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG2520SBN SII-TG2520SBN Datasheet
648Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG3225CEN SII-TG3225CEN Datasheet
725Kb / 2P
TCXO/VC-TCXO HIGH STABILITY, CMOS OUTPUT
logo
TEMEX
RIT2016C TEMEX-RIT2016C Datasheet
619Kb / 2P
HIGH STABILITY SMD 1.2V TCXO SMART GRIDS AND METERS
RIT3225B TEMEX-RIT3225B Datasheet
510Kb / 2P
HIGH STABILITY SMD TCXO GNSS AND COMMUNICATIONS
logo
Epson Company
TG5032CCN EPSON-TG5032CCN Datasheet
680Kb / 2P
TCXO / VC-TCXO ULTRA HIGH STABILITY
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com