Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RST2016AL Arkusz danych(PDF) 2 Page - Rakon Limited

Numer części RST2016AL
Szczegółowy opis  HIGH STABILITY SMD 1.2V TCXO | SMART GRIDS AND METERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAKON [Rakon Limited]
Strona internetowa  https://www.rakon.com/
Logo RAKON - Rakon Limited

RST2016AL Arkusz danych(HTML) 2 Page - Rakon Limited

  RST2016AL Datasheet HTML 1Page - Rakon Limited RST2016AL Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH STABILITY SMD 1.2V TCXO | SMART GRIDS AND METERS
Issue: A, 9 October 2024
Specifications are subject to change without notice.
Copyright © 2024 Rakon Limited. All rights reserved
Page 2 of 2
Contact Us
SSB Phase Noise (26.0 MHz, at 25°C)
Parameter
Min/
Typ.
Max.
Unit.
Test Condition / Description
1Hz offset
-63
dBc/Hz
10Hz offset
-93
dBc/Hz
100Hz offset
-114
dBc/Hz
1kHz offset
-135
dBc/Hz
10kHz offset
-148
dBc/Hz
100kHz offset
-149
dBc/Hz
1MHz offset
-151
dBc/Hz
Model Outline and Recommended Pad Layout
Test Circuit
Pin Connections
1
Output Enable (OE)
Pin 1
Pin 3
High
OUTPUT
Low
High-Impedance
2
GND
3
Output
4
Supply voltage (VDD)
NOTE:
Dimensions are in millimetres.



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com