Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RST2016H Arkusz danych(PDF) 1 Page - Rakon Limited

Numer części RST2016H
Szczegółowy opis  HIGH TEMPERATURE SMD TCXO/VCTCXO | AUTOMOTIVE AND COMMUNICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAKON [Rakon Limited]
Strona internetowa  https://www.rakon.com/
Logo RAKON - Rakon Limited

RST2016H Arkusz danych(HTML) 1 Page - Rakon Limited

  RST2016H Datasheet HTML 1Page - Rakon Limited RST2016H Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH TEMPERATURE SMD TCXO/VCTCXO | AUTOMOTIVE AND COMMUNICATIONS
Issue: A, 15 September 2022
Specifications are subject to change without notice
Copyright © 2022 Rakon Limited. All rights reserved
Page 1 of 2
sales@rakon.com
RST2016H
The RST2016H is a high temperature TCXO (Temperature Compensated Crystal Oscillator) / VCTCXO (Voltage Controlled Temperature
Compensated Crystal Oscillator). It is designed for high-performance automotive and communication applications where a frequency stability
of ±0.5 ppm is required over an operating temperature range of -40 to 105°C.
The RST2016H has an analogue ASIC and a high-order temperature compensation circuit in a small font factor 2.0 x 1.6 x 0.7 mm package.
This low-power SMD TCXO provides a voltage control option of VCTCXO, with a wide frequency range available from 10 to 52 MHz. Supply
voltage options are 1.8 to 3.3 V.
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency (Fn)
13 – 52
MHz
Frequency calibration
±1
ppm
Offset from nominal frequency measured at 25°C ±2°C
Reflow shift
±1
ppm
Two consecutive reflows
Operating temperature range
-40
105
°C
The operating temperature range over which the
frequency stability is measured
Frequency stability
over temperature
±0.5
ppm
Referenced to the midpoint between minimum and
maximum frequency value over the specified
temperature range1. Control voltage set to the
midpoint of Vc. For a 100% screen-tested product,
please refer to the alternative RIT2016H
Static temperature hysteresis
0.6
ppm
Frequency change after reciprocal temperature
ramped over the operating range. Frequency
measured before and after at 25°C
Sensitivity to supply voltage
variations
±0.1
ppm
VDD varied ±5% at 25°C
Sensitivity to load variations
±0.1
ppm
±10% load change at 25°C2
Long term stability (Ageing)
±1
ppm
Frequency drift over 1 year at 25°C
Supply voltage (VDD)
1.8 – 3.3
V
With a tolerance of ±5%
Control voltage (Vc) range
0.2
0.9
1.2
VDD - 0.2 V
VDD ≤ 2.3V
VDD > 2.3V
Supply current
2
mA
At maximum VDD2
Output voltage level
0.8
Vpk-pk
At minimum VDD, specified for load stated in
oscillator output section at 25°C 2
Output waveform
DC coupled clipped sinewave3
1
Parts should be shielded from drafts causing unexpected thermal gradients. Temperature changes due to ambient air currents on the
oscillator can lead to short term frequency drift.
2
Specified for load stated in oscillator output section at 25°C.
3
External AC-Coupling capacitor required. 1 nF or greater recommended.
Features
Applications
2.0 x 1.6 x 0.7
mm
High-end operating temperature up to 105°C
Frequency stability ±0.5 ppm over extended
temperature ranges
Excellent phase noise performance
Output: Clipped sinewave, temperature sensor
Automotive
Communications
Consumer devices
Wi-Fi


Podobny numer części - RST2016H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rakon Limited
RST2016HC RAKON-RST2016HC Datasheet
385Kb / 2P
High Temperature SMD TCXO/VCTCXO | Automotive and Communications
7 November 2024
More results

Podobny opis - RST2016H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
3.0V SMD TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
High Precision TCXO / VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX922GE FOX-FOX922GE Datasheet
230Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
logo
Nel Frequency Controls,...
AN-XA32CXXX-X NEL-AN-XA32CXXX-X Datasheet
161Kb / 3P
temperature compensated crystal oscillators (TCXO/VCTCXO)
AN-XC2XXXX-X NEL-AN-XC2XXXX-X Datasheet
162Kb / 3P
temperature compensated crystal oscillators (TCXO/VCTCXO)
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Fox Electronics
840C-12-1 FOX-840C-12-1 Datasheet
141Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX914B-19.200 FOX-FOX914B-19.200 Datasheet
376Kb / 1P
3.0V Ultra Miniature SMD TCXO/VCTCXO
logo
TEMEX
RIT3225B TEMEX-RIT3225B Datasheet
510Kb / 2P
HIGH STABILITY SMD TCXO GNSS AND COMMUNICATIONS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com