Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RST2016HC Arkusz danych(PDF) 1 Page - Rakon Limited

Numer części RST2016HC
Szczegółowy opis  High Temperature SMD TCXO/VCTCXO | Automotive and Communications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAKON [Rakon Limited]
Strona internetowa  https://www.rakon.com/
Logo RAKON - Rakon Limited

RST2016HC Arkusz danych(HTML) 1 Page - Rakon Limited

  RST2016HC Datasheet HTML 1Page - Rakon Limited RST2016HC Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Temperature SMD TCXO/VCTCXO | Automotive and Communications
Issue: B, 7 November 2024
Specifications are subject to change without notice
Copyright © 2022 to 2024 Rakon Limited. All rights reserved
Page 1 of 2
Contact Us
RST2016HC
The RST2016HC is a series of high-temperature TCXO (Temperature-Compensated Crystal Oscillator) and VCTCXO (Voltage-
Controlled Temperature-Compensated Crystal Oscillator) with CMOS output. It is designed for high-performance Automotive
applications to comply with AEC-Q200, where the required frequency stability is ±2.5 ppm over operating temperatures from
-40 to 105°C.
The RST2016HC has an analogue ASIC for the oscillator and a high-order temperature compensation circuit in a small font
factor 2.0 x 1.6 x 0.7 mm package. This low-power SMD TCXO provides a voltage control option of VCTCXO, with a wide
frequency range available from 13 to 52 MHz. Supply voltage options are 1.8 to 3.3 V.
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency (Fn)
13 – 52
MHz
Frequency calibration
±1
ppm
Offset from nominal frequency measured at 25°C ±2°C
Reflow shift
±1
ppm
Two consecutive reflows
Operating temperature range
-40
105
°C
The operating temperature range over which the
frequency stability is measured
Frequency stability
over temperature
±2.5
ppm
Referenced to the midpoint between minimum and
maximum frequency value over the specified
temperature range1
Static temperature hysteresis
0.6
ppm
Frequency change after reciprocal temperature
ramped over the operating range. Frequency
measured before and after at 25°C
Sensitivity to supply voltage
variations
±0.1
ppm
VDD varied ±5% at 25°C
Sensitivity to load variations
±0.1
ppm
±10% load change at 25°C2
Long term stability (Ageing)
±1
ppm
Frequency drift over 1 year at 25°C
Supply voltage (VDD)
1.8 – 3.3
V
With a tolerance of ±5%
Supply current
3.8
mA
At maximum VDD2
Power down
≥80%
≤20%
VDD
Oscillation Enable (VIH)
Oscillation Disable (VIL)
Output voltage level low (VOL)
Output voltage level high (VOH)
90
10
%VDD
Measured with a capacitive load of 15pF
Duty cycle
45
55
Measured at 50% VDD trigger level
Output load
15
pF
Start-up time
Normal mode
Fast mode
3
2
ms
@ 26 MHz ±2.5 ppm
Rise time / Fall time
5
ns
@ 10% to 90% VDD, CMOS output
1
Parts should be shielded from drafts causing unexpected thermal gradients. Temperature changes due to ambient air currents on the oscillator can lead to
short term frequency drift.
2
Specified for load stated in oscillator output section at 25°C.
Features
Applications
2.0 x 1.6 x 0.7
mm
High-end operating temperature up to 105°C
Excellent phase noise performance
Output: CMOS
Automotive
Communications
Consumer devices
Wi-Fi


Podobny numer części - RST2016HC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rakon Limited
RST2016H RAKON-RST2016H Datasheet
354Kb / 2P
HIGH TEMPERATURE SMD TCXO/VCTCXO | AUTOMOTIVE AND COMMUNICATIONS
15 September 2022
More results

Podobny opis - RST2016HC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
3.0V SMD TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
High Precision TCXO / VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX922GE FOX-FOX922GE Datasheet
230Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
logo
Nel Frequency Controls,...
AN-XA32CXXX-X NEL-AN-XA32CXXX-X Datasheet
161Kb / 3P
temperature compensated crystal oscillators (TCXO/VCTCXO)
AN-XC2XXXX-X NEL-AN-XC2XXXX-X Datasheet
162Kb / 3P
temperature compensated crystal oscillators (TCXO/VCTCXO)
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Fox Electronics
840C-12-1 FOX-840C-12-1 Datasheet
141Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX914B-19.200 FOX-FOX914B-19.200 Datasheet
376Kb / 1P
3.0V Ultra Miniature SMD TCXO/VCTCXO
logo
TEMEX
RIT3225B TEMEX-RIT3225B Datasheet
510Kb / 2P
HIGH STABILITY SMD TCXO GNSS AND COMMUNICATIONS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com