| Zakładka z wyszukiwarką danych komponentów |
|
CAT24WC03GLATE13 Arkusz danych(PDF) 5 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT24WC03GLATE13 Arkusz danych(HTML) 5 Page - Catalyst Semiconductor |
|
5 / 14 page ![]() Discontinued Parts CAT24WC03/05 5 Doc. No. 1005, Rev. F © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice A total of four devices can be addressed on a single bus when using the CAT24WC05 device. Only A1 and A2 address pins are used with this device. The A0 address pin is a no connect pin and can be tied to VSS or left floating. If only one CAT24WC05 is being addressed on the bus, the address pins (A1 and A2) can be left floating or connected to VSS. WP: Write Protect If the WP pin is tied to VCC the upper half of memory array becomes Write Protected (READ only)(locations 80H to FFH for the CAT24WC03 and locations 100H to 1FFH for the CAT24WC05). When the WP pin is tied to VSS or left floating normal read/write operations are allowed to the device. I2C BUS PROTOCOL The following defines the features of the I2C bus protocol: (1) Data transfer may be initiated only when the bus is not busy. (2) During a data transfer, the data line must remain stable whenever the clock line is high. Any changes in the data line while the clock line is high will be interpreted as a START or STOP condition. START Condition The START Condition precedes all commands to the device, and is defined as a HIGH to LOW transition of SDA when SCL is HIGH. The CAT24WC03/05 monitor the SDA and SCL lines and will not respond until this condition is met. STOP Condition A LOW to HIGH transition of SDA when SCL is HIGH determines the STOP condition. All operations must end with a STOP condition. DEVICE ADDRESSING The bus Master begins a transmission by sending a START condition. The Master then sends the address of the particular slave device it is requesting. The four most significant bits of the 8-bit slave address are fixed as 1010 for the CAT24WC03/05 (see Fig. 5). The next three significant bits (A2, A1, A0) are the device address bits and define which device or which part of the device the Master is accessing. Up to eight CAT24WC03 and four CAT24WC05 can be individually addressed by the system. The last bit of the slave address specifies whether a Read or Write operation is to be performed. When this bit is set to 1, a Read operation is selected, and when set to 0, a Write operation is selected. After the Master sends a START condition and the slave address byte, the CAT24WC03/05 monitors the bus and responds with an acknowledge (on the SDA line) when its address matches the transmitted slave address. The CAT24WC03/05 then performs a Read or Write operation depending on the state of the R/ W bit. Acknowledge After a successful data transfer, each receiving device is required to generate an acknowledge. The Acknowledging device pulls down the SDA line during the ninth clock cycle, signaling that it received the 8 bits of data. Figure 4. Acknowledge Timing Figure 5. Slave Address Bits ACKNOWLEDGE 1 START SCL FROM MASTER 89 DATA OUTPUT FROM TRANSMITTER DATA OUTPUT FROM RECEIVER * A0, A1 and A2 correspond to pin 1, pin 2 and pin 3 of the device. ** a8 corresponds to the address of the memory array address word. ***A0, A1 and A2 must compare to its corresponding hard wired input pins (pins 1, 2 and 3). 1 0 1 0 A2 A1 A0 R/W 1 0 1 0 A2 A1 a8 R/W 24WC03 24WC05 |