| Zakładka z wyszukiwarką danych komponentów |
|
CAT24WC03GLATE13 Arkusz danych(PDF) 7 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT24WC03GLATE13 Arkusz danych(HTML) 7 Page - Catalyst Semiconductor |
|
7 / 14 page ![]() Discontinued Parts CAT24WC03/05 7 Doc. No. 1005, Rev. F © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice WRITE PROTECTION The Write Protection feature allows the user to protect against inadvertent programming of the memory array. If the WP pin is tied to VCC, the upper half (locations 80H to FFH for CAT24WC03 and locations 100H to 1FFH for CAT24WC05) of the memory array is protected and becomes read only. The CAT24WC03/05 will accept both slave and byte addresses, but the memory location accessed is protected from programming by the device’s failure to send an acknowledge after the first byte of data is received. READ OPERATIONS The READ operation for the CAT24WC03/05 is initiated in the same manner as the write operation with the one exception that the R/ W bit is set to a one. Three different READ operations are possible: Immediate Address READ, Selective READ and Sequential READ. Immediate Address Read The CAT24WC03/05 address counter contains the address of the last byte accessed incremented by one. In other words, if the last READ or WRITE access was to address N, the READ immediately following would access data from address N+1. If N=E (where E = 255 for the CAT24WC03 and 511 for the CAT24WC05), then the counter will ‘wrap around’ to address 0 and continue to clock out data. After the CAT24WC03/05 receives its slave address information (with the R/ W bit set to one), it issues an acknowledge, then transmits the 8-bit byte requested. The master device does not send an acknowledge but will generate a STOP condition. Selective Read Selective READ operations allow the Master device to select at random any memory location for a READ operation. The Master device first performs a ‘dummy’ write operation by sending the START condition, slave address and byte address of the location it wishes to read. After the CAT24WC03/05 acknowledge the word address, the Master device resends the START condition and the slave address, this time with the R/ W bit set to one. The CAT24WC03/05 then responds with its acknowledge and sends the 8-bit byte requested. The master device does not send an acknowledge but will generate a STOP condition. Figure 8. Immediate Address Read Timing SCL SDA 8TH BIT STOP NO ACK DATA OUT 89 SLAVE ADDRESS S A C K DATA N O A C K S T O P P BUS ACTIVITY: MASTER SDA LINE S T A R T Figure 9. Selective Read Timing SLAVE ADDRESS S A C K N O A C K S T O P P BUS ACTIVITY: MASTER SDA LINE S T A R T BYTE ADDRESS (n) S A C K DATA n SLAVE ADDRESS A C K S T A R T |