| Zakładka z wyszukiwarką danych komponentów |
|
PPC440EP Arkusz danych(PDF) 78 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440EP Arkusz danych(HTML) 78 Page - Applied Micro Circuits Corporation |
|
78 / 84 page ![]() 78 AMCC Proprietary 440EP – PPC440EP Embedded Processor Revision 1.26 – April 25, 2007 Data Sheet Example 2: In this example Read Clock is delayed almost 1/2 cycle. Without ECC, Stage 2 data can be sampled at (2). If ECC is enabled, Stage 3 data must be sampled (see Example 3). In this example, TT and TTE are system dependent and taken into account by controller initialization software. Figure 12. DDR SDRAM Read Cycle Timing—Example 2 DQS at pin PLB Clock Read Clock Delayed TSIN Data at pin D0 D1 D2 D3 DQS Stage 1 C D0 D1 D2 D3 TDIN D0 D2 Data in Stage 1 D D1 D3 Data out Stage 1 High Low TP D0 D2 D1 D3 Data in at RDSP High Low without ECC TT = Propagation delay from Stage 2 input to RDSP input w/o ECC D0 D2 D1 D3 Data out Stage 2 High Low Data out at RDSP High Low (2) without ECC TP D0 D2 D1 D3 Data in at RDSP High Low with ECC D0 D2 D1 D3 TTE = Propagation delay from Stage 2 input to RDSP input with ECC TT TTE D0 D2 |