| Zakładka z wyszukiwarką danych komponentów |
|
PPC405GP-3FE266CZ Arkusz danych(PDF) 25 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GP-3FE266CZ Arkusz danych(HTML) 25 Page - Applied Micro Circuits Corporation |
|
25 / 59 page ![]() 405GP – Power PC 405GP Embedded Processor AMCC 25 Revision 2.03 – September 7, 2007 Data Sheet Reserved B19 C16 D18 E2 H3 T21 V20 V21 W22 Y51 AA8 AB5 A192 B173 C133 D20 H12 K23 N243 P33 U253 W262 Y23 Y26 AF41 AF82 AD143 AE103 Other Notes: 1. Y5 (on the 413-ball package) and AF4 must be tied to OVDD or GND. All other reserved pins should be left unconnected. 2. Reserved on 27mm package. GND on 35mm package. 3. Reserved on 27mm package. OVDD on 35mm package. 42 SysClk H16 A25 System 40 SysErr P14 AD25 System 40 SysReset J15 D22 System 40 TCK U16 AD22 JTAG 40 TDI U13 AE24 JTAG 40 TDO T13 AD23 JTAG 40 TestEn E20 D26 System 40 TmrClk L16 D24 System 40 TMS U17 AC22 JTAG 40 [TrcClk]GPIO9 T7 AB3 System 40 TRST T16 AE26 JTAG 40 [TS1E]GPIO1 [TS2E]GPIO2 [TS1O]GPIO3 [TS2O]GPIO4 [TS3]GPIO5 [TS4]GPIO6 [TS5]GPIO7 [TS6]GPIO8 A20 C19 A21 AB18 AC4 AB4 AC3 Y6 D18 C20 A22 AF18 AC9 AE8 AF5 AC7 Trace 41 UART0_CTS U7 AB4 Internal Peripheral 39 UART0_DCD AA17 AE18 Internal Peripheral 39 UART0_DSR P10 AE3 Internal Peripheral 39 UART0_DTR T8 AF2 Internal Peripheral 39 UART0_RI AC16 AD15 Internal Peripheral 39 UART0_RTS AB15 AD16 Internal Peripheral 39 UART0_Rx AA14 AE16 Internal Peripheral 39 UART0_Tx U8 AF3 Internal Peripheral 39 UART1_CTS/UART1_DSR N8 AC3 Internal Peripheral 39 UART1_DSR/UART1_CTS N8 AC3 Internal Peripheral 39 UART1_DTR/UART1_RTS N7 AD2 Internal Peripheral 39 UART1_RTS/UART1_DTR N7 AD2 Internal Peripheral 39 UART1_Rx W4 AC1 Internal Peripheral 39 UART1_Tx N3 AC2 Internal Peripheral 39 UARTSerClk Y14 AE17 Internal Peripheral 39 Signals Listed Alphabetically (Part 9 of 10) Signal Name 413-Ball 456-Ball Interface Group Page |