| Zakładka z wyszukiwarką danych komponentów |
|
PPC405GP-3FE266CZ Arkusz danych(PDF) 31 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GP-3FE266CZ Arkusz danych(HTML) 31 Page - Applied Micro Circuits Corporation |
|
31 / 59 page ![]() 405GP – Power PC 405GP Embedded Processor AMCC 31 Revision 2.03 – September 7, 2007 Data Sheet J1 PerData23 M5 VDD P23 PCIAD26 U5 VDD J2 PerData26 M11 GND P24 PCIAD23 U22 VDD J3 PerData25 M12 GND P25 EMCTxD3 U23 PCIGnt0[Req] J4 PerData27 M13 GND P26 PCIIDSel U24 PHYRxErr J5 GND M14 GND R1 PerData8 U25 Res – 27/OVDD – 35 J22 GND M15 GND R2 PerData4 U26 PCIAD29 J23 PCIIRDY M16 GND R3 BusReq V1 HoldReq J24 PCIFrame M22 VDD R4 PerData6 V2 EOT2/TC2 J25 PCIReq5 M23 PCIAD19 R5 VDD V3 MemData31 J26 EMCTxD0 M24 PCIGnt5 R11 GND V4 MemData29 K1 PerData20 M25 PCIAD18 R12 GND V5 GND K2 Res – 27/OVDD – 35 M26 PCIAD21 R13 GND V22 GND K3 PerData22 N1 PerData11 R14 GND V23 IRQ1[GPIO18] K4 PerData24 N2 PerData13 R15 GND V24 PHYRxDV K5 VDD N3 PerData10 R16 GND V25 IRQ0[GPIO17] K22 VDD N4 PerData16 R22 VDD V26 PCIAD31 K23 EMCTxEn N5 GND R23 PCIAD25 W1 MemData30 K24 PCIC2[BE2] N11 GND R24 PCIAD24 W2 MemData27 K25 EMCTxErr N12 GND R25 PCIAD27 W3 MemData28 K26 PCIAD16 N13 GND R26 PCIC3[BE3] W4 MemData26 L1 GND N14 GND T1 GND W5 OVDD L2 PerData21 N15 GND T2 HoldPri W22 OVDD L3 PerData18 N16 GND T3 ExtReset W23 PHYCrS L4 PerData19 N22 GND T4 PerData3 W24 IRQ2[GPIO19] L5 VDD N23 PCIGnt4 T5 VDD W25 IRQ3[GPIO20] L11 GND N24 Res – 27/OVDD – 35 T11 GND W26 Res – 27/GND – 35 L12 GND N25 PCIAD20 T12 GND Y1 EOT3/TC3 L13 GND N26 PCIAD22 T13 GND Y2 MemData25 L14 GND P1 PerData9 T14 GND Y3 ExtAck L15 GND P2 PerData7 T15 GND Y4 ExtReq L16 GND P3 Res – 27/OVDD – 35 T16 GND Y5 OVDD L22 VDD P4 PerData5 T22 VDD Y22 OVDD L23 PCIAD17 P5 GND T23 PCIGnt1 Y23 Reserved L24 EMCTxD2 P11 GND T24 PCIAD28 Y24 IRQ4[GPIO21] L25 EMCTxD1 P12 GND T25 PCIAD30 Y25 IRQ5[GPIO22] L26 GND P13 GND T26 GND Y26 Reserved AA1 GND AB26 Halt AD9 MemData8 AE18 UART0_DCD AA2 MemData23 AC1 UART1_Rx AD10 MemData6 AE19 MemAddr7 AA3 DQM3 AC2 UART1_Tx AD11 MemData2 AE20 MemAddr5 AA4 MemData22 AC3 UART1_DSR/ UART1_CTS AD12 ECC7 AE21 MemAddr2 AA5 OVDD AC4 GND AD13 ECC3 AE22 MemAddr0 AA22 OVDD AC5 MemData19 AD14 Res – 27/OVDD – 35 AE23 PHYRxD0 AA23 MemClkOut1 AC6 DQM2 AD15 UART0_RI AE24 TDI AA24 IRQ6[GPIO23] AC7 GPIO8[TS6] AD16 UART0_RTS AE25 GND Signals Listed by Ball Assignment—456-Ball Package (Part 2 of 3) Ball Signal Name Ball Signal Name Ball Signal Name Ball Signal Name |