| Zakładka z wyszukiwarką danych komponentów |
|
L7805 Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7805 Arkusz danych(HTML) 7 Page - STMicroelectronics |
|
7 / 52 page ![]() L78xx - L78xxC Maximum ratings 7/52 3 Maximum ratings Note: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI DC Input voltage for VO= 5 to 18 V 35 V for VO= 20, 24 V 40 IO Output current Internally Limited PD Power dissipation Internally Limited TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range for L7800 -55 to 150 °C for L7800C 0 to 150 Table 3. Thermal data Symbol Parameter D2PAK TO-220 TO-220FP TO-3 Unit RthJC Thermal resistance junction-case 3 5 5 4 °C/W RthJA Thermal resistance junction-ambient 62.5 50 60 35 °C/W |