| Zakładka z wyszukiwarką danych komponentów |
|
TLC6989 Arkusz danych(PDF) 53 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC6989 Arkusz danych(HTML) 53 Page - Texas Instruments |
|
53 / 72 page ![]() 11.1 Tape and Reel Information Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 Reel Diameter User Direction of Feed P1 Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant TLC6989DYYR SOT-23- THN DYY 14 TLC6989DRRR WSON DRR 12 www.ti.com TLC6989 SLVSHF5 – NOVEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 53 Product Folder Links: TLC6989 |