| Zakładka z wyszukiwarką danych komponentów |
|
TLC6989 Arkusz danych(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC6989 Arkusz danych(HTML) 12 Page - Texas Instruments |
|
12 / 72 page ![]() 7.3.2.4 CCSI Start Bit and Check Bits Insertion and Removal The TLC6989 automatically inserts and removes the start bit and check bits that are required for the CCSI. This means that those bits do not have to be inserted in the SPI data words when transmitted by the controller. In addition, when reading back data using SPI, the start bit and check bits are removed. This results in standard 16 bits SPI data words. An example of this feature is depicted in Figure 7-4. In the remaining part of this document, the start bit and check bits are not explicitly shown anymore. CRC SDO SOUT SIN SDI SPI CMD Data0 Data1 END Data0 Data1 END STATUS CRC DATA_RD Data0 Data1 CRC Data0 Data1 CRC Figure 7-4. Example of insertion and removal of start bit and check bits TLC6989 SLVSHF5 – NOVEMBER 2024 www.ti.com 12 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TLC6989 |