| Zakładka z wyszukiwarką danych komponentów |
|
STE2004S Arkusz danych(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004S Arkusz danych(HTML) 11 Page - STMicroelectronics |
|
11 / 79 page ![]() STE2004S Circuit description 11/79 Figure 6. Bias level generator providing an 1/(n+4) ratio, with n calculated from: For m = 65, n = 5, a 1/9 ratio is set. For m = 49, n =4, a 1/8 ratio is set. The STE2004S provides three bits (BS0, BS1, BS2) for programming the bias ratio as shown below: The following table shows the bias level for m = 65 and m = 49: Table 2. Bias ratio programmable bits BS2 BS1 BS0 n 00 07 00 16 01 05 01 14 10 03 10 12 11 01 11 10 R VLCD VSS ·VLCD ·VLCD ·VLCD ·VLCD n + 3 n + 4 R nR R R n + 2 n + 4 2 n + 4 1 n + 4 D00IN1150 nm 3 – = |