| Zakładka z wyszukiwarką danych komponentów |
|
STE2004S Arkusz danych(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004S Arkusz danych(HTML) 46 Page - STMicroelectronics |
|
46 / 79 page ![]() Instruction set STE2004S 46/79 H=[0;1] Checker board 000 0000 001 Starts checker board procedure 000 0000 01 V Vertical addressing mode TC select 000 0000 1 TC1 TC0 Set temperature coefficient for VLDC Data order 000 0001 DO 00 MSB position Bias ratios 000 0010 BS2 BS1 BS0 Set desired bias ratios Read mode, 000 100 R 000 Set VOP 0 0 1 OP6 OP5 OP4 OP3 OP2 OP1 OP0 VOP register write instruction H=[1;0] Driver control 000 0000 001 Software reset Display control 000 0000 01 PE Partial enable 000 0000 1 FR1 FR0 Frame rate control 000 0001 0 M[1] M[0] MUX ratio Partial mode 000 0010 PDC2 PDC1 PDC0 Partial display config 000 1 PDY5 PDY4 PDY3 PDY2 PDY1 PDY0 1st Sector start address 001 PDY6 PDY5 PDY4 PDY3 PDY2 PDY1 PDY0 2nd Sector start address H=[1;1] 000 0000 001 Scrolling pointer reset 000 0000 01 X Not used 000 0000 1 X X Not used 000 0001 T2 T1 T0 Set temperature coefficient for VLDC 000 001 NW3 NW2 NW1 NW0 N-Line inversion 0 0 0 1 0 0 YC-3 YC-2 YC-1 YC-0 Y carriage return 0 0 1 XC-6 XC-5 XC-4 XC-3 XC-2 XC-1 XC-0 X carriage return Table 9. Extended instruction set Instruction D/C R/W B7 B6 B5 B4 B3 B2 B1 B0 Description |