| Zakładka z wyszukiwarką danych komponentów |
|
STE2004SDIE2 Arkusz danych(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004SDIE2 Arkusz danych(HTML) 31 Page - STMicroelectronics |
|
31 / 79 page ![]() STE2004S Bus interfaces 31/79 4 Bus interfaces To provide the widest flexibility and ease of use the STE2004S features six different methods for interfacing the host controller. To select the desired interface the SEL1, SEL2 and SEL3 pads need to be connected to a logic LOW (connect to GND) or a logic HIGH (connect to VDD). All the I/O pins of the unused interfaces must be connected to GND. All interfaces work while the STE2004S is in power down. 4.1 I2C Interface The I2C interface is a fully complying I2C bus specification, selectable to work in both Fast (400kHz Clock) and High Speed Mode (3.4MHz). This bus is intended for communication between different LCs. It consists of two lines: one bi-directional for data signals (SDA) and one for clock signals (SCL). Both the SDA and SCL lines must be connected to a positive supply voltage via an active or passive pull-up. The following protocol has been defined: – Data transfer may be initiated only when the bus is not busy. – During data transfer, the data line must remain stable whenever the clock line is high. Changes in the data line while the clock line is high are interpreted as control signals. Accordingly, the following bus conditions have been defined: BUS not busy: Both data and clock lines remain High. Start Data Transfer: A change in the state of the data line, from High to Low, while the clock is High, define the START condition. Stop Data Transfer: A Change in the state of the data line, from low to High, while the clock signal is High, defines the STOP condition. Data Valid: The state of the data line represents valid data when after a start condition, the data line is stable for the duration of the High period of the clock signal. The data on the line may be changed during the Low period of the clock signal. There is one clock pulse per bit of data. Each data transfer is initiated with a start condition and terminated with a stop condition. The number of data bytes transferred between the start and the stop conditions is not Table 7. Bus interfaces SEL3 SEL2 SEL1 Interface Note 00 0 I2C Read and write; fast and high speed mode 0 0 1 SPI 4 lines 8 bit Read and write 0 1 0 SPI 3 lines 8 bit Read and write 0 1 1 Serial 3 lines 9 bit Read and write 1 0 0 Parallel 8080-series Read and write 1 0 1 Parallel 68000-series Read and write |