Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STE2004SDIE2 Arkusz danych(PDF) 45 Page - STMicroelectronics

Numer części STE2004SDIE2
Szczegółowy opis  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004SDIE2 Arkusz danych(HTML) 45 Page - STMicroelectronics

Back Button STE2004SDIE2 Datasheet HTML 41Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 42Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 43Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 44Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 45Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 46Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 47Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 48Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
STE2004S
Instruction set
45/79
H=1
Checker board
000
0000
001
Starts checker board
procedure
Duty
000
0000
01
MUX Selects duty factor
TC select
000
0000
1
TC1
TC0
Set temperature
coefficient for VLDC
Data order
000
0001
DO
00
Bias ratios
000
0010
BS2
BS1
BS0
Set desired bias ratios
Reserved
0
0
0
1
XXXX
XX
Not to be used
Set VOP
0
0
1
OP6
OP5
OP4
OP3
OP2
OP1
OP0
VOP register write
instruction
Table 8. STE2001/2-like instruction set
Instruction
D/C
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Description
Table 9. Extended instruction set
Instruction
D/C
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Description
H independent instructions
Read command
000
0000
000
Read I2C address or
status byte
(with 3-lines serial and
4-lines SPI only)
000
01
MX
MY
PD
H[1]
H[0]
Page selector, power
down management;
entry mode
Status byte
0
1
PD
BSY
0
D
E
MX
MY
DO
ID code
010
0111
1
ID1
ID0
Write data
1
0
D7
D6D5D4D3D2D1D0
Writes data to RAM
H=[0;0] RAM commands
Memory blank
000
0000
001
Starts memory blank
procedure
Scroll
000
0000
01
DIR
Scrolls by one row up
or down
VLCD range setting
000
0000
1
PRS[
1]
PRS[
0]
VLDC programming
range selection
Display control
000
0001
D
0
E
Select display
configuration
Set CP factor
000
0010
S2
S1
S0
Charge pump
multiplication factor
Set RAM Y
0
0
0
1
0
0
Y3
Y2
Y1
Y0
Set horizontal (Y)
RAM address
Set RAM X
0
0
1
X6
X5
X4
X3
X2
X1
X0
Set vertical (X) RAM
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79