Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562II Arkusz danych(PDF) 50 Page - STMicroelectronics

Numer części STM32H562II
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Arkusz danych(HTML) 50 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 46Page - STMicroelectronics STM32H562II Datasheet HTML 47Page - STMicroelectronics STM32H562II Datasheet HTML 48Page - STMicroelectronics STM32H562II Datasheet HTML 49Page - STMicroelectronics STM32H562II Datasheet HTML 50Page - STMicroelectronics STM32H562II Datasheet HTML 51Page - STMicroelectronics STM32H562II Datasheet HTML 52Page - STMicroelectronics STM32H562II Datasheet HTML 53Page - STMicroelectronics STM32H562II Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
50/270
DS14258 Rev 5
All RTC events (alarm, wake-up timer, timestamp) can generate an interrupt and wake up
the device from the low-power modes.
3.34.2
Tamper and backup registers (TAMP)
The anti-tamper detection circuit is used to protect sensitive data from external attacks.
32 32-bit backup registers are retained in all low-power modes and in VBAT mode. The
backup registers, as well as other secrets in the device, are protected by this anti-tamper
detection circuit with eight tamper pins and nine internal tampers. The external tamper pins
can be configured for edge detection, or level detection with or without filtering, or active
tamper that increases the security level by auto checking that the tamper pins are not
externally opened or shorted.
TAMP main features:
•
A tamper detection can erase the backup registers, backup SRAM, SRAM2, caches
and cryptographic peripherals.
•
32 32-bit backup registers:
–
The backup registers (TAMP_BKPxR) are implemented in the Backup domain that
remains powered-on by VBAT when the VDD power is switched off.
•
Up to 8 tamper pins for 8 external tamper detection events:
–
Active tamper mode: continuous comparison between tamper output and input to
protect from physical open-short attacks
–
Flexible active tamper I/O management: from 4 meshes (each input associated to
its own exclusive output) to 7 meshes (single output shared for up to 7 tamper
inputs)
–
Passive tampers: ultra-low power edge or level detection with internal pull-up
hardware management
–
Configurable digital filter
Note:
As input, only PC13, PI8, PA0, PA1, and PA2 are functional in Standby and VBAT modes.
As output, only PC13 and PA1, and PI8 are functional in Standby and VBAT modes.
•
Internal tamper events to protect against transient or environmental perturbation
attacks
•
Each tamper can be configured in two modes:
–
Hardware mode: immediate erase of secrets on tamper detection, including
backup registers erase
–
Software mode: erase of secrets following a tamper detection launched by
software
•
Any tamper detection can generate an RTC time stamp event.
•
TrustZone support:
–
Tamper secure or nonsecure configuration.
–
Backup registers configuration in three configurable-size areas:
- 1 read/write secure area
- 1 write secure/read nonsecure area
- 1 read/write nonsecure area
–
Secret key, stored in backup registers, protected against read and write access
•
Tamper configuration and backup registers privilege protection
•
Monotonic counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com