Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562II Arkusz danych(PDF) 19 Page - STMicroelectronics

Numer części STM32H562II
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562II Arkusz danych(HTML) 19 Page - STMicroelectronics

Back Button STM32H562II Datasheet HTML 15Page - STMicroelectronics STM32H562II Datasheet HTML 16Page - STMicroelectronics STM32H562II Datasheet HTML 17Page - STMicroelectronics STM32H562II Datasheet HTML 18Page - STMicroelectronics STM32H562II Datasheet HTML 19Page - STMicroelectronics STM32H562II Datasheet HTML 20Page - STMicroelectronics STM32H562II Datasheet HTML 21Page - STMicroelectronics STM32H562II Datasheet HTML 22Page - STMicroelectronics STM32H562II Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 270 page
background image
DS14258 Rev 5
19/270
STM32H562xx and STM32H563xx
Functional overview
62
3
Functional overview
3.1
Arm Cortex-M33 core with TrustZone and FPU
The Cortex-M33 with TrustZone and FPU is a highly energy-efficient processor designed for
microcontrollers and deeply embedded applications, especially those requiring efficient
security. This processor delivers a high computational performance with low-power
consumption and an advanced response to interrupts. It features:
•
Arm TrustZone technology, using the Armv8-M main extension supporting secure and
nonsecure states
•
Memory protection units (MPUs), supporting up to 16 regions for secure and
nonsecure applications
•
Configurable secure attribute unit (SAU) supporting up to eight memory regions as
secure or nonsecure
•
Floating-point arithmetic functionality with support for single precision arithmetic
The processor supports a set of DSP instructions that allows an efficient signal processing
and a complex algorithm execution.
The Cortex-M33 processor supports the following bus interfaces:
•
System AHB bus:
The system AHB (S-AHB) bus interface is used for any instruction fetch and data
access to the memory-mapped SRAM, peripheral, external RAM and external device,
or Vendor_SYS regions of the Armv8-M memory map.
•
Code AHB bus:
The code AHB (C-AHB) bus interface is used for any instruction fetch and data access
to the code region of the Armv8-M memory map.
Figure 1 shows the general block diagram of the STM32H562xx and STM32H563xx
devices.
3.2
ART Accelerator (ICACHE and DCACHE)
3.2.1
Instruction cache (ICACHE)
The instruction cache (ICACHE) is introduced on C-AHB code bus of Cortex-M33 processor
to improve performance when fetching instruction (or data) from both internal and external
memories.
ICACHE offers the following features:
•
Multi-bus interface:
–
slave port receiving the memory requests from the Cortex-M33 C-AHB code
execution port
–
master1 port performing refill requests to internal memories (flash memory and
SRAMs)
–
master2 port performing refill requests to external memories (external flash
memory and RAMs through Octo-SPI and FMC interfaces)
–
a second slave port dedicated to ICACHE registers access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com