Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 134 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 134 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 130Page - STMicroelectronics STM32H562RG Datasheet HTML 131Page - STMicroelectronics STM32H562RG Datasheet HTML 132Page - STMicroelectronics STM32H562RG Datasheet HTML 133Page - STMicroelectronics STM32H562RG Datasheet HTML 134Page - STMicroelectronics STM32H562RG Datasheet HTML 135Page - STMicroelectronics STM32H562RG Datasheet HTML 136Page - STMicroelectronics STM32H562RG Datasheet HTML 137Page - STMicroelectronics STM32H562RG Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
134/270
DS14258 Rev 5
VPVD0
PVD threshold 0
Rising edge
1.90
1.96
2.01
V
Falling edge
1.81
1.86
1.91
VPVD1
PVD threshold 1
Rising edge
2.05
2.10
2.16
Falling edge
1.96
2.01
2.06
VPVD2
PVD threshold 2
Rising edge
2.19
2.26
2.32
Falling edge
2.10
2.15
2.21
VPVD3
PVD threshold 3
Rising edge
2.35
2.41
2.47
Falling edge
2.25
2.31
2.37
VPVD4
PVD threshold 4
Rising edge
2.49
2.56
2.62
Falling edge
2.39
2.45
2.51
VPVD5
PVD threshold 5
Rising edge
2.64
2.71
2.78
Falling edge
2.55
2.61
2.68
VPVD6
PVD threshold 6
Rising edge
2.78
2.86
2.94
Falling edge
2.69
2.76
2.83
VPOR/PDR
Hysteresis for power-on/down reset
Hysteresis in Run mode
-
43
-
mV
Vhyst_BOR_PVD
Hysteresis voltage of BOR (unless
BORH_EN = 0) and PVD
--
100
-
IDD_BOR_PVD(2) BOR and PVD consumption from VDD
-
-
-
0.630
µA
IDD_POR_PDR
POR and PDR consumption from VDD
-0.8
-
1.2
VAVD0
VDDA voltage monitor 0 threshold
Rising edge
1.66
1.71
1.76
V
Falling edge
1.56
1.61
1.66
VAVD1
VDDA voltage monitor 1threshold
Rising edge
2.06
2.12
2.19
Falling edge
1.96
2.02
2.08
VAVD2
VDDA voltage monitor 2 threshold
Rising edge
2.42
2.50
2.58
Falling edge
2.35
2.42
2.49
VAVD3
VDDA voltage monitor 3 threshold
Rising edge
2.74
2.83
2.91
Falling edge
2.64
2.72
2.80
VIO2VM
VDDIO2 voltage monitor threshold
-
-
0.9
-
V
Vhyst_AVD
Hysteresis of VDDA voltage monitor
-
-
100
-
mV
IDD_AVD_IO2VM(2)
Power voltage detector consumption
from VDD (AVD, IO2VM)
--
-
0.25
µA
IDD_AVD_A(2)
Analog voltage detector consumption
from VDDA (resistor bridge)
--
-
0.25
1. Evaluated by characterization and not tested in production, unless otherwise specified.
2. Specified by design - Not tested in production
Table 25. Embedded reset and power control block characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com