Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 17 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 17 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 13Page - STMicroelectronics STM32H562RG Datasheet HTML 14Page - STMicroelectronics STM32H562RG Datasheet HTML 15Page - STMicroelectronics STM32H562RG Datasheet HTML 16Page - STMicroelectronics STM32H562RG Datasheet HTML 17Page - STMicroelectronics STM32H562RG Datasheet HTML 18Page - STMicroelectronics STM32H562RG Datasheet HTML 19Page - STMicroelectronics STM32H562RG Datasheet HTML 20Page - STMicroelectronics STM32H562RG Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 270 page
background image
DS14258 Rev 5
17/270
STM32H562xx and STM32H563xx
Description
18
ADC
12-bit ADC
2
Number of
channels
(legacy/SMPS)
16/NA
NA / 16
16
/14
16
/NA
20
/18
20
/NA
20
/20
20/
NA
20
/20
20/
NA
DAC
12-bit DAC
controller
1
Number of
12-bit D to A
converters
2
Internal voltage reference buffer
No
Yes
Maximum CPU frequency
250 MHz
Operating voltage
1.71 to 3.6 V
Operating
temperature
Ambient
-40 to 85 or 105 °C / -40 to 125 °C
Junction
Voltage range VOS0 (up to 250 MHz): -40 to 105 °C
Voltage range VOS1 (up to 200 MHz): -40 to 130 °C
Package
LQFP64
VFQFPN68
WLCSP80
LQFP100
LQFP144
UFBGA169
LQFP176
UFBGA176
1. 8-bit to interface LCD controller.
2. For the LQFP100 package, only FMC Bank1 is available. Bank1 can only support a multiplexed NOR/PSRAM memory
using the NE1 chip select.
3. Shares the I/Os with I2C4.
4. DCMI and PSSI cannot be used at the same time, as they share the same circuitry.
5. Active tampers in output sharing mode (one output shared by all inputs).
6. 49 for LQFP64.
7. 136 for LQFP176.
8. 5 for VFQFPN68.
Table 2. STM32H56xxx features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com