Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562RG Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części STM32H562RG
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RG Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button STM32H562RG Datasheet HTML 12Page - STMicroelectronics STM32H562RG Datasheet HTML 13Page - STMicroelectronics STM32H562RG Datasheet HTML 14Page - STMicroelectronics STM32H562RG Datasheet HTML 15Page - STMicroelectronics STM32H562RG Datasheet HTML 16Page - STMicroelectronics STM32H562RG Datasheet HTML 17Page - STMicroelectronics STM32H562RG Datasheet HTML 18Page - STMicroelectronics STM32H562RG Datasheet HTML 19Page - STMicroelectronics STM32H562RG Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 270 page
background image
Description
STM32H562xx and STM32H563xx
16/270
DS14258 Rev 5
Communication
interfaces
SPI / I2S
4/3
5/3
6/3
I2C
4
I3C
1(3)
USART
5
6
UART
5
6
LPUART
1
SAI
2
FDCAN
2
1
2
12121
2
1
USB
Yes
UCPD
Yes
SDMMC
1
212121
2
1
Digital camera
interface
(DCMI)/PSSI(4)
Yes
Ethernet
(legacy/SMPS)
Yes/
No
No
No/Yes
Yes/
No
No
Yes/
No
No
Yes/
Yes
No
Yes/
Yes
No
HDMI-CEC
Yes
CORDIC co-processor
Yes
Filter mathematical accelerator
(FMAC)
Yes
Real time clock (RTC)
Yes
Tamper pins (legacy/SMPS)
5/NA
NA/5
8/8
Active tampers (legacy/SMPS)(5)
4/NA
NA/4
7/7
True random number generator
Yes
HASH (SHA-512)
Yes
PKA
(ECDSA signature verification)
Yes
GPIOs (legacy/SMPS)
53(6)/NA
NA/57
80
/78
80
/NA
112
/110
112
/NA
136
/134
136
/eNA
140(7)
/139
140
(7)
Wake-up pins (legacy/SMPS)
6/NA(8)
NA/6
7/7
7
/NA
7/7
7
/NA
8/8
8
/NA
8/8
8
/NA
Number of I/Os down to 1.08 V
(legacy/SMPS)
0/NA
NA/0
0/0
0
/NA
10
/10
10
/NA
10/7
10
/NA
10/7
10
/NA
Table 2. STM32H56xxx features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com